Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDS142WMF Datasheet(PDF) 1 Page - AUK corp

Part # SDS142WMF
Description  Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SDS142WMF Datasheet(HTML) 1 Page - AUK corp

  SDS142WMF Datasheet HTML 1Page - AUK corp SDS142WMF Datasheet HTML 2Page - AUK corp SDS142WMF Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KSD-3011-001
1
SDS142WMF
Switching Diode
Features
• SMD package : SOT-323F
• Low forward voltage : VF=0.9V(Typ.)
• Fast reverse recovery time : trr=1.6ns(Typ.)
• Small total capacitance : CT=2.2pF(Typ.)
• Ultra high speed
Ordering Information
Type No.
Marking
Package Code
SDS142WMF
5C
SOT-323F
Outline Dimensions
unit : mm
PIN Connections
1. Anode
2. Cathode
3. Cathode, Anode
1
3
S
Seem
miiccoon
nd
du
uccttoorr
2
2.1±0.1
1.30±0.1
1
2
3


Similar Part No. - SDS142WMF

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDS142WMF AUK-SDS142WMF Datasheet
270Kb / 4P
Switching Diode
logo
KODENSHI_AUK CORP.
SDS142WMF KODENSHI-SDS142WMF Datasheet
248Kb / 5P
Small Signal Fast Switching Diode
logo
AUK corp
SDS142WMF AUK-SDS142WMF_1 Datasheet
270Kb / 4P
Switching Diode
More results

Similar Description - SDS142WMF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com