Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS-DIAL Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # WS-DIAL
Description  Wireless Two-Way Voice Transmission
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS-DIAL Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  WS-DIAL Datasheet HTML 1Page - List of Unclassifed Manufacturers WS-DIAL Datasheet HTML 2Page - List of Unclassifed Manufacturers WS-DIAL Datasheet HTML 3Page - List of Unclassifed Manufacturers WS-DIAL Datasheet HTML 4Page - List of Unclassifed Manufacturers WS-DIAL Datasheet HTML 5Page - List of Unclassifed Manufacturers WS-DIAL Datasheet HTML 6Page - List of Unclassifed Manufacturers WS-DIAL Datasheet HTML 7Page - List of Unclassifed Manufacturers WS-DIAL Datasheet HTML 8Page - List of Unclassifed Manufacturers WS-DIAL Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
http://www.wenshing.com.tw ; http://www.rf.net.tw
WS-AIAL Instruction Manual P.4
Product Description
Brief Introduction
Dialogue device is wireless two-way voice transmission products and it takes
925~928MHz. Mainly provide wireless two-way voice transmission and includes
a complete RF and audio circuits, particularly suitable for short-range two-way
conversation, health and walkie-talkie service, call systems, the use of a wide
range.
Built-in 3.5 mm standard audio hole, as long as the headset insertion and
machine will automatically detect and switch to the voice calling feature. It has
three modes as followings:
One-on-one: the two sides can conduct two-way conversation.
One-to-many: group for this device of broadcasting function, it may join the
call. Groups of the remaining aircraft will remain unchanged devices to listen
to the state, until one side to withdraw from the call, before entering the mode
of two-way conversation.
If machine is not plugged headset, you can switch through the built-in shock,
reminded users of the call, in the case of one-on-one call each other.
Functional Block Diagram
Figure 1
Dialogue of functional block diagram
Dialogue had a complete collection of RF transceiver circuit and interface, as
Figure 1, the function block diagram and has major component of: DSP
processor, RF circuit, charging circuits, lithium batteries and audio amplifier,
built-in antenna. It can charge by USB line.
On fingure1, red box for internal device is the various components of the
motherboard. It is the interface which is sending transmission by wireless of
device, and there are instructions light for all situations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com