Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS-DIAL Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # WS-DIAL
Description  Wireless Two-Way Voice Transmission
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS-DIAL Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button WS-DIAL Datasheet HTML 2Page - List of Unclassifed Manufacturers WS-DIAL Datasheet HTML 3Page - List of Unclassifed Manufacturers WS-DIAL Datasheet HTML 4Page - List of Unclassifed Manufacturers WS-DIAL Datasheet HTML 5Page - List of Unclassifed Manufacturers WS-DIAL Datasheet HTML 6Page - List of Unclassifed Manufacturers WS-DIAL Datasheet HTML 7Page - List of Unclassifed Manufacturers WS-DIAL Datasheet HTML 8Page - List of Unclassifed Manufacturers WS-DIAL Datasheet HTML 9Page - List of Unclassifed Manufacturers WS-DIAL Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
http://www.wenshing.com.tw ; http://www.rf.net.tw
WS-AIAL Instruction Manual P.6
 Headphone:
Electrical Characteristic
Item
Specification
Remark
Power
320mAh Lithium batteries
Frequency
925~928MHz
Output Power
10mW
Distance
Open space ≧100m
Channel
4800
Channel span 12.5KHz
Sensitivity
-110 dBm
Packet error rate:1%
The longest standby time
Over 120 hours
Continuous talk time
Over 10 hours.
Charging time
1.5 hours.
Current consumption
Standby:3.5mA
Calling:15mA
Talking: 36 mA
Vibration 60mA
Action temperature
-10°C ~+70°C
Storage temperature
-20°C ~+45°C
Relative Humidity
≦60%
Dimension
47 × 47 × 22 mm
Weight
22.8 g



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com