Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8222AS Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM8222AS
Description  Caller ID Service IC with Call Waiting
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8222AS Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM8222AS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SM8222A/B
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
Caller ID Service IC with Call Waiting
OVERVIEW
The SM8222A/B is a calling number identification
(caller ID) and call waiting signal (dual tone signal)
receiver decoder IC that conforms with the TR-
NWT-000030 and SR-TSV-002476 (Bellcore) dialer
telephone number display standards. It is imple-
mented in CMOS and incorporates a power-down
function for low power operation.
FEATURES
s
Conforms to TR-NWT-000030 and SR-TSV-
002476 (Bellcore) standards
s
Call waiting
s
FSK demodulator
s
Ring signal detect circuit built-in
s
High input sensitivity
s
Input gain adjust circuit built-in
s
Power-down mode
s
Crystal oscillator circuit built-in
s
Single supply operation
s
Microcontroller I/O interface
s
Molybdenum-gate CMOS process
s
24-pin SOP and 24-pin DIP packages
s
SM8222A : 2.7 to 3.3V operation
s
SM8222B : 4.5 to 5.5V operation
APPLICATIONS
s
Telephones that display dialer number before and
during conversation
s
Adapters to display dialer number before and dur-
ing conversation
s
Answering machines
s
Facsimile machines
s
Computer peripheral devices
ORDERING INFORMATION
PINOUT
(Top View)
D e vice
P a ck ag e
SM8222AS
24-pin SOP
SM8222AP
24-pin DIP
SM8222BS
24-pin SOP
SM8222BP
24-pin DIP
1
13
24
12
TIP
RING
GS
AGND
CAP
RDIN
RDRC
VDD
STGT
EST
STD
INT
CDET
DR
RDET
MODE
OSCIN
OSCOUT
GND
DOUT
DCLK
FSKEN
PDWN
IC


Similar Part No. - SM8222AS

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SM8222 FAIRVIEW-SM8222 Datasheet
413Kb / 3P
Low PIM 4.1/9.5 Mini DIN Male to N Male Adapter
REV 1.0
More results

Similar Description - SM8222AS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD3316 PHILIPS-PCD3316 Datasheet
534Kb / 30P
Caller-ID on Call Waiting CIDCW receiver
11 March 1999
logo
Samsung semiconductor
KS8630D SAMSUNG-KS8630D Datasheet
258Kb / 23P
ENHANCED CALLING LINE IDENTIFIER WITH CALL WAITING
logo
ELAN Microelectronics C...
AG8888 EMC-AG8888 Datasheet
65Kb / 7P
CALL WAITING DECODER
AG8889 EMC-AG8889 Datasheet
65Kb / 7P
CALL WAITING DECODER
EM92547A EMC-EM92547A Datasheet
136Kb / 13P
CALLER ID FSK DECODER
logo
Holtek Semiconductor In...
HT95168 HOLTEK-HT95168 Datasheet
182Kb / 13P
Caller ID Telephone IC
March 22, 2004
logo
Integrated Device Techn...
NW6003 IDT-NW6003 Datasheet
306Kb / 21P
TYPE II CALLER ID DECODER
logo
List of Unclassifed Man...
RTS8505C ETC1-RTS8505C Datasheet
265Kb / 11P
The RTS8505C is a caller ID integrated chip with call waiting function. An 8-bit microprocessor (6502) has been built in the chip and it provides a co
logo
CML Microcircuits
CMX602A CMLMICRO-CMX602A Datasheet
669Kb / 25P
Calling Line Identifier plus Call Waiting (Type II)
logo
Integrated Device Techn...
NW6005AS IDT-NW6005AS Datasheet
313Kb / 20P
ENHANCED TYPE II CALLER ID DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com