Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8222AS Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # SM8222AS
Description  Caller ID Service IC with Call Waiting
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8222AS Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button SM8222AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 13Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 14Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 15Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
SM8222A/B
NIPPON PRECISION CIRCUITS—13
Output Mode 0
0
START
b0 b1 b2 b3 b4 b5 b6 b7 1
0 b0 b1 b2 b3 b4
b6 b7 1
b5 b6
b4 b5 b6 b7
b0 b1 b2 b3 b4 b5 b6 b7
b0 b1 b2 b3 b4
STOP
tIDD
START
STOP
1/fDCLK0
tCRD
tPWL
DCLK
DOUT
TIP/RING
tf0
tr0
tPWL
tr0
tf0
tDCD
90%
10%
90%
10%
tCDD
90%
10%
tf0
tr0
tPWL
tPWH
DR
DR
DCLK
DOUT
START
STOP
START
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com