Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF2C02ER2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMDF2C02ER2
Description  Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF2C02ER2 Datasheet(HTML) 1 Page - ON Semiconductor

  MMDF2C02ER2 Datasheet HTML 1Page - ON Semiconductor MMDF2C02ER2 Datasheet HTML 2Page - ON Semiconductor MMDF2C02ER2 Datasheet HTML 3Page - ON Semiconductor MMDF2C02ER2 Datasheet HTML 4Page - ON Semiconductor MMDF2C02ER2 Datasheet HTML 5Page - ON Semiconductor MMDF2C02ER2 Datasheet HTML 6Page - ON Semiconductor MMDF2C02ER2 Datasheet HTML 7Page - ON Semiconductor MMDF2C02ER2 Datasheet HTML 8Page - ON Semiconductor MMDF2C02ER2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 8
1
Publication Order Number:
MMDF2C02E/D
MMDF2C02E
Power MOSFET
2.5 Amps, 25 Volts
Complementary SO−8, Dual
These miniature surface mount MOSFETs feature ultra low RDS(on)
and true logic level performance. They are capable of withstanding
high energy in the avalanche and commutation modes and the
drain−to−source diode has a low reverse recovery time. MiniMOS
t
devices are designed for use in low voltage, high speed switching
applications where power efficiency is important. Typical applications
are dc−dc converters, and power management in portable and battery
powered products such as computers, printers, cellular and cordless
phones. They can also be used for low voltage motor controls in mass
storage products such as disk drives and tape drives. The avalanche
energy is specified to eliminate the guesswork in designs where
inductive loads are switched and offer additional safety margin against
unexpected voltage transients.
• Ultra Low RDS(on) Provides Higher Efficiency and Extends Battery Life
• Logic Level Gate Drive − Can Be Driven by Logic ICs
• Miniature SO−8 Surface Mount Package − Saves Board Space
• Diode Is Characterized for Use In Bridge Circuits
• Diode Exhibits High Speed, with Soft Recovery
• Avalanche Energy Specified
• Mounting Information for SO−8 Package Provided
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted) (Note 1)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
25
Vdc
Gate−to−Source Voltage
VGS
± 20
Vdc
Drain Current − Continuous N−Channel
P−Channel
− Pulsed
N−Channel
P−Channel
ID
IDM
3.6
2.5
18
13
Adc
Operating and Storage Temperature Range
TJ and
Tstg
− 55
to 150
°C
Total Power Dissipation @ TA= 25°C (Note 2)
PD
2.0
Watts
Single Pulse Drain−to−Source Avalanche
Energy − Starting TJ = 25°C
(VDD = 20 V, VGS = 10 V, Peak IL = 9.0 A,
L = 6.0 mH, RG = 25 Ω)N−Channel
(VDD = 20 V, VGS = 10 V, Peak IL = 7.0 A,
L = 10 mH, RG = 25 Ω)P−Channel
EAS
245
245
mJ
Thermal Resistance − Junction to Ambient
(Note 2)
RθJA
62.5
°C/W
Maximum Lead Temperature for Soldering,
0.0625″ from case. Time in Solder Bath is
10 seconds.
TL
260
°C
1. Negative signs for P−Channel device omitted for clarity.
2. Mounted on 2” square FR4 board (1” sq. 2 oz. Cu 0.06” thick single sided) with
one die operating, 10 sec. max.
N−Source
1
2
3
4
8
7
6
5
Top View
N−Gate
P−Source
P−Gate
N−Drain
N−Drain
P−Drain
P−Drain
Device
Package
Shipping†
ORDERING INFORMATION
MMDF2C02ER2
SO−8
2500 Tape & Reel
D
S
G
P−Channel
D
S
G
N−Channel
SO−8
CASE 751
STYLE 14
MARKING
DIAGRAM
PIN ASSIGNMENT
2.5 AMPERES, 25 VOLTS
RDS(on) = 100 mW (N−Channel)
RDS(on) = 250 mW (P−Channel)
http://onsemi.com
1
8
F2C02
ALYW
1
8
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.


Similar Part No. - MMDF2C02ER2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF2C02HD MOTOROLA-MMDF2C02HD Datasheet
356Kb / 12P
COMPLEMENTARY DUAL TMOS POWER FET 2.0 AMPERES 20 VOLTS
logo
ON Semiconductor
MMDF2C02HD ONSEMI-MMDF2C02HD Datasheet
281Kb / 13P
Power MOSFET
August, 2006 ??Rev. 7
MMDF2C02HDR2 ONSEMI-MMDF2C02HDR2 Datasheet
281Kb / 13P
Power MOSFET
August, 2006 ??Rev. 7
logo
VBsemi Electronics Co.,...
MMDF2C02HDR2G VBSEMI-MMDF2C02HDR2G Datasheet
1Mb / 14P
N- and P-Channel 30 V (D-S) MOSFET
More results

Similar Description - MMDF2C02ER2

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com