Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF2C02ER2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MMDF2C02ER2
Description  Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF2C02ER2 Datasheet(HTML) 4 Page - ON Semiconductor

  MMDF2C02ER2 Datasheet HTML 1Page - ON Semiconductor MMDF2C02ER2 Datasheet HTML 2Page - ON Semiconductor MMDF2C02ER2 Datasheet HTML 3Page - ON Semiconductor MMDF2C02ER2 Datasheet HTML 4Page - ON Semiconductor MMDF2C02ER2 Datasheet HTML 5Page - ON Semiconductor MMDF2C02ER2 Datasheet HTML 6Page - ON Semiconductor MMDF2C02ER2 Datasheet HTML 7Page - ON Semiconductor MMDF2C02ER2 Datasheet HTML 8Page - ON Semiconductor MMDF2C02ER2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MMDF2C02E
http://onsemi.com
4
TYPICAL ELECTRICAL CHARACTERISTICS
N−Channel
P−Channel
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
3.5 V
0
0.4
0.8
1.2
1.6
2
0
2
3
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
4
1
3.3 V
TJ = 25°C
VGS = 10
3.7 V
3.9 V
4.1 V
4.3 V
4.5 V
5 V
4.7 V
7 V
0
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
2
3
4
1
2.5
3
3.5
4
4.5
VDS ≥ 10 V
25
°C
100
°C
TJ = −55°C
0
0.25
0.75
1.5
2
0
1
3
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
4
2
TJ = 25°C
2.7 V
0.5
1.75
1.25
1
5
6
2.5 V
2.9 V
3.1 V
3.3 V
3.5 V
3.7 V
4.5 V
4.3 V
3.9 V
4.1 V
VGS = 10 V
0
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
VDS ≥ 10 V
TJ = 25°C
TJ = −55°C
25
°C
100
°C
2
4
6
5
1
2
2.5
3
3.5
4
3
7
7
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com