Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDT-TJS Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # DDT-TJS
Description  High brightness surface mount LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDT-TJS Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  DDT-TJS Datasheet HTML 1Page - DOMINANT Semiconductors DDT-TJS Datasheet HTML 2Page - DOMINANT Semiconductors DDT-TJS Datasheet HTML 3Page - DOMINANT Semiconductors DDT-TJS Datasheet HTML 4Page - DOMINANT Semiconductors DDT-TJS Datasheet HTML 5Page - DOMINANT Semiconductors DDT-TJS Datasheet HTML 6Page - DOMINANT Semiconductors DDT-TJS Datasheet HTML 7Page - DOMINANT Semiconductors DDT-TJS Datasheet HTML 8Page - DOMINANT Semiconductors DDT-TJS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
InGaN : DDT-TJS
3
Group
Wavelength Grouping at Tj=25˚C
Color
DDT; True Green
Dominant wavelength is measured with an accuracy of ± 1 nm.
Wavelength distribution(nm)
Q1
Q2
R1
R2
S1
S2
71.5 ... 90.0
90.0 ... 112.5
112.5 ... 140.0
140.0 ... 180.0
180.0 ... 224.0
224.0 ... 285.0
Brightness Group
Luminous Intensity
IV (mcd)
Luminous Intensity Group at Tj=25˚C
Full
W
X
Y
Z
520.0 - 536.0
520.0 - 524.0
524.0 - 528.0
528.0 - 532.0
532.0 - 536.0
DOMINANT
Opto Technologies
Innovating Illumination
TM
30/07/2012 V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com