Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDT-TJS Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # DDT-TJS
Description  High brightness surface mount LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDT-TJS Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  DDT-TJS Datasheet HTML 1Page - DOMINANT Semiconductors DDT-TJS Datasheet HTML 2Page - DOMINANT Semiconductors DDT-TJS Datasheet HTML 3Page - DOMINANT Semiconductors DDT-TJS Datasheet HTML 4Page - DOMINANT Semiconductors DDT-TJS Datasheet HTML 5Page - DOMINANT Semiconductors DDT-TJS Datasheet HTML 6Page - DOMINANT Semiconductors DDT-TJS Datasheet HTML 7Page - DOMINANT Semiconductors DDT-TJS Datasheet HTML 8Page - DOMINANT Semiconductors DDT-TJS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Relative Intensity Vs Forward Current
Forward Current; mA
0
10
20
30
40
50
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
Forward Current Vs Forward Voltage
Forward Voltage; V
2
2.5
3
3.5
4
0
10
20
30
40
50
Maximum Current Vs Ambient Temperature
Ambient Temperature
0
10 20 30 40 50 60 70 80 90 100
0
5
10
15
20
25
Dominant Wavelength Shift Vs Forward Current
Forward Current, mA
0
5
10
15
20
25
30
-4
-2
0
2
4
6
8
10
12
Relative Intensity Vs Wavelength
Wavelength, nm
400 450 500 550 600 650 700 750 800
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
4
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
0°
Radiation Pattern
True Green
Blue
Blue
True
Green
DOMINANT
Opto Technologies
Innovating Illumination
TM
InGaN : DDT-TJS
30/07/2012 V3.0
Relative Intensity Vs Forward Current
Forward Current; mA
0
5
10
15
20
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Forward Current Vs Forward Voltage
Forward Voltage, V
1
1.5
2
2.5
3
3.5
4
4.5
5
0
5
10
15
20
25
30
35
40
Maximum Current Vs Temperature
Ambient Temperature
0
10 20 30 40 50 60 70 80 90 100
0
5
10
15
20
25
Relative Intensity Vs Wavelength
Wavelength, nm
Blue
True Green
400 450 500 550 600 650 700 750 800
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Dominant Wavelength Vs Forward Current
Forward Current, mA
0
5
10
15
20
25
30
468
469
470
471
472
473
474
475
476
520
522
524
526
528
530
532
534
536
538
540
Relative Intensity Vs Forward Current
Forward Current, mA
0
10
20
30
40
50
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
Forward Current Vs Forward Voltage
Forward Voltage, V
2
2.5
3
3.5
4
4.5
0
10
20
30
40
50
60
Maximum Forward Current Vs Ambient Temperature
Ambient Temperature
0
10 20 30 40 50 60 70 80 90 100
0
5
10
15
20
25
Dominant Wavelength Shift Vs Forward Current
Forward Current, mA
0
5
10
15
20
25
30
-3
0
3
6
9
12
Relative Intensity Vs Wavelength
Wavelength, nm
400
450
500
550
600
650
700
750
800
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Relative Intensity Vs Forward Current
Forward Current; mA
0
10
20
30
40
50
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
Forward Current Vs Forward Voltage
Forward Voltage, V
2
2.5
3
3.5
4
4.5
0
10
20
30
40
50
60
Maximum Current Vs Temperature
Ambient Temperature
0
10 20 30 40 50 60 70 80 90 100
0
5
10
15
20
25
Dominant Wavelength Shift Vs Forward Current
Forward Current; mA
0
5
10
15
20
25
30
-4
-2
0
2
4
6
8
10
12
Relative Intensity Vs Wavelength
Wavelength; nm
400
450
500
550
600
650
700
750
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com