Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8580AM Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM8580AM
Description  Real-time Clock IC with 4-bit Interface and Built-in Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8580AM Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM8580AM Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8580AM Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8580AM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8580AM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8580AM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8580AM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8580AM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8580AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8580AM Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
SM8580AM
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
Real-time Clock IC with 4-bit Interface
and Built-in Temperature Sensor
OVERVIEW
The SM8580AM is a real-time clock IC based on a 32.768 kHz crystal oscillator, which features a 4-bit paral-
lel interface for communication with an external microcontroller.
It comprises second-counter to year-counter clock and calendar circuits that feature automatic leap-year adjust-
ment up to year 2099, alarm and timer interrupt functions, clock counter change detect functions, ±30-second
correction function, time error correction function, and built-in temperature sensor.
The 4-bit parallel interface is compatible with general-purpose SRAM over a high-speed bus.
FEATURES
s
High-speed bus 4-bit parallel interface
s
Date, day, hour, minute, and second-counter pre-
settable alarm interrupt
s
1/4096 seconds to 255 minutes presettable interval
timer interrupt function
s
2 software-maskable alarm and timer interrupt
outputs
s
Clock counter change detect functions
s
4-digit western calendar display
s
Automatic leap year correction up to year 2099
s
±30-second adjust function
s
−195 to +192ppm time error correction range
s
Built-in temperature sensor (analog voltage out-
put)
s
2.4 to 5.5V interface voltage range
s
1.6 to 5.5V clock voltage range
s
0.6µA/3V (typ) current consumption
ORDERING INFORMATION
PINOUT
(Top view)
D e vice
P a ck ag e
SM8580AM
24-pin SSOP
1
13
24
12
CE0N
FCON
FOUT
VTEMP
AIRQN
TIRQN
A0
VDD
XT
XTN
N.C.
N.C.
N.C.
CE1
A1
A2
A3
RDN
VSS
D0
D1
D2
D3
WRN


Similar Part No. - SM8580AM

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8580AM NPC-SM8580AM Datasheet
167Kb / 25P
Real-time Clock IC with 4-bit Interface and Built-in Temperature Sensor
SM8580AM NPC-SM8580AM_06 Datasheet
167Kb / 25P
Real-time Clock IC with 4-bit Interface and Built-in Temperature Sensor
More results

Similar Description - SM8580AM

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8577B NPC-SM8577B Datasheet
78Kb / 10P
Real-time Clock IC
SM8578BV NPC-SM8578BV Datasheet
77Kb / 13P
Real-time Clock IC
logo
OKI electronic componet...
MSM62X42B OKI-MSM62X42B Datasheet
202Kb / 27P
REAL TIME CLOCK IC WITH BUILT-IN CRYSTAL
logo
Epson Company
RTC-72421 EPSON-RTC-72421 Datasheet
212Kb / 2P
Real time clock module(4-bit REAL TIME CLOCK MODULE)
logo
List of Unclassifed Man...
RTC-72421 ETC-RTC-72421 Datasheet
1Mb / 2P
Real time clock module(4-bit REAL TIME CLOCK MODULE)
logo
Nippon Precision Circui...
SM8578BV NPC-SM8578BV Datasheet
117Kb / 16P
Real-time Clock IC
logo
List of Unclassifed Man...
RTC-8563JE ETC-RTC-8563JE Datasheet
416Kb / 2P
IC-Bus interface real time clock module
logo
Nippon Precision Circui...
SM8580AM NPC-SM8580AM_06 Datasheet
167Kb / 25P
Real-time Clock IC with 4-bit Interface and Built-in Temperature Sensor
logo
Epson ToYoCom
RTC-4701JE EPSONTOYOCOM-RTC-4701JE Datasheet
338Kb / 2P
Built-in Temperature Sensor SERIAL-INTERFACE REAL TIME CLOCK MODULE
logo
RICOH electronics devic...
R2043T-E2-F RICOH-R2043T-E2-F Datasheet
868Kb / 52P
4-wire Serial Interface Real Time Clock IC
April 1, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com