Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDX-PJS Datasheet(PDF) 5 Page - DOMINANT Semiconductors

Part # DDX-PJS
Description  High brightness surface mount LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDX-PJS Datasheet(HTML) 5 Page - DOMINANT Semiconductors

  DDX-PJS Datasheet HTML 1Page - DOMINANT Semiconductors DDX-PJS Datasheet HTML 2Page - DOMINANT Semiconductors DDX-PJS Datasheet HTML 3Page - DOMINANT Semiconductors DDX-PJS Datasheet HTML 4Page - DOMINANT Semiconductors DDX-PJS Datasheet HTML 5Page - DOMINANT Semiconductors DDX-PJS Datasheet HTML 6Page - DOMINANT Semiconductors DDX-PJS Datasheet HTML 7Page - DOMINANT Semiconductors DDX-PJS Datasheet HTML 8Page - DOMINANT Semiconductors DDX-PJS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
DOMINANT
Opto Technologies
Innovating Illumination
TM
AllnGaP : DDx-PJS
Relative Intensity Vs Forward Current
Forward Current, mA
0
10
20
30
40
50
60
70
80
0
0.2
0.4
0.6
0.8
1
1.2
Forward Current vs Forward Voltage
Forward Voltage; V
1.7
1.8
1.9
2
2.1
2.2
2.3
0
10
20
30
40
50
60
70
Maximum Current Vs Ambient Temperature
Ambient Temperature
0 10 20 30 40 50 60 70 80 90 100
0
10
20
30
40
50
60
70
80
Relative Intensity Vs Wavelength
Wavelength; nm
500
550
600
650
700
750
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Relative Intensity Vs Forward Current
Forward Current; mA
0
2
4
6
8
10
0
1
2
3
4
5
6
Forward Current Vs Forward Voltage
Forward Voltage; V
1.2
1.4
1.6
1.8
2
2.2
2.4
0
5
10
15
20
25
30
Forward Current Vs Ambient Temperature
Ambient Temperature
0
20
40
60
80
100
0
5
10
15
20
25
Relative Intensity Vs Wavelength
Wavelength; nm
500
550
600
650
700
750
800
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Radiation Pattern
30/10/2015 V6.0
DOMINANT Semiconductors
30/11/10
Mini DomiLED AlInGaP DNx-PJS - Catalogue-pv2
Page 6 of 9
PRELIMINARY
UNDER DEVELOPMENT
Engineering reference data are not verified. The specifications are subject to
change without notice.
Relative intensity vs. forward current.
Forward current vs. forward voltage.
Radiation pattern.
Maximum current vs. temperature.
Relative Intensity vs. Wavelength
TBD
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
0°
Intensity vs Current
0.00
0.50
1.00
1.50
2.00
2.50
3.00
0
20
40
60
80
100
If (mA)
Relative Intensity Vs Forward Current
Forward Current; mA
0
10
20
30
40
50
60
0
0.5
1
1.5
2
2.5
3
Forward Voltage Vs Forward Current
Forward Current, mA
0
10
20
30
40
50
60
70
80
1.6
2
2.4
2.8
Forward Current Vs Ambient Temperature
Ambient Temperature
0
10 20 30 40 50 60 70 80 90 100
0
10
20
30
40
50
60
Relative Intensity Vs Wavelength
Wavelength; nm
500
550
600
650
700
750
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Maximum Pulse Current Vs Duty Cycle
Duty (%); Tp<=10us
1
10
100
10
100
1000
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
0°
Luminous Intensity Group at Tj=25˚C
Yellow
Amber
Red
Multiple X-Y Plot
Wavelength
Variables
Super Red
Red
Amber
Yellow
450
550
650
750
850
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Yellow
Amber
Red
Super Red
Multiple X-Y Plot
FCurrentAS
Variables
FCurrentTS
0
20
40
60
80
100
120
0
10
20
30
40
50
60
Multiple X-Y Plot
Col_18
Variables
Col_19
0
10
20
30
40
50
60
0
0.5
1
1.5
2
2.5
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com