Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDX-PJS Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DDX-PJS
Description  High brightness surface mount LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDX-PJS Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DDX-PJS Datasheet HTML 1Page - DOMINANT Semiconductors DDX-PJS Datasheet HTML 2Page - DOMINANT Semiconductors DDX-PJS Datasheet HTML 3Page - DOMINANT Semiconductors DDX-PJS Datasheet HTML 4Page - DOMINANT Semiconductors DDX-PJS Datasheet HTML 5Page - DOMINANT Semiconductors DDX-PJS Datasheet HTML 6Page - DOMINANT Semiconductors DDX-PJS Datasheet HTML 7Page - DOMINANT Semiconductors DDX-PJS Datasheet HTML 8Page - DOMINANT Semiconductors DDX-PJS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
DDS-PJS-U2V-1
DDR-PJS-VW1-1
DDA-PJS-V2W-1
DDY-PJS-V2W-1
Super Red, 632nm
Red, 622 nm
Amber, 615 nm
Yellow, 590 nm
120
120
120
120
560.0
715.0
900.0
900.0
Part Ordering
Number
Color
Viewing
Angle˚
Luminous Intensity @ 20mA IV (mcd)
Optical Characteristics at Tj=25˚C
Min.
Typ.
Max.
843.0
1058.0
1350.0
1350.0
1125.0
1400.0
1800.0
1800.0
NOTE
1. All part number above comes in a quantity of 2000 units per reel.
2. Other luminous intensity groups are also available upon request.
3. Luminous intensity is measured with an accuracy of ± 11%.
4. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
5. An optional Vf binning is also available upon request. Binning scheme is as per following table.
Typ. (V)
Vf @ If = 20mA
Forward voltage, Vf is measured with an accuracy of ± 0.1 V.
Electrical Characteristics at Tj=25˚C
Max. (V)
Vr @ Ir = 10uA
Min. (V)
Part Number
DDx-PJS
2.1
2.6
12
Unit
Absolute Maximum Ratings
Maximum Value
DC forward current
Peak pulse current;
(tp ≤ 10µs, Duty cycle = 0.10)
Reverse voltage; Ir (max) = 10µA
ESD threshold (HBM)
LED junction temperature
Operating temperature
Storage temperature
Power dissipation (at room temperature)
Thermal resistance
- Junction / ambient, Rth JA
- Junction / solder point, Rth JS
(Mounting on FR4 PCB, pad size >= 16 mm2 per pad)
50
100
12
2
120
-40 … +115
-40 … +125
130
360
150
mA
mA
V
kV
˚C
˚C
˚C
mW
K/W
K/W
DOMINANT
Opto Technologies
Innovating Illumination
TM
1.8
Min. (V)
AllnGaP : DDx-PJS
30/10/2015 V6.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com