Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTSF3N03HD Datasheet(PDF) 1 Page - ON Semiconductor

Part # MTSF3N03HD
Description  Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTSF3N03HD Datasheet(HTML) 1 Page - ON Semiconductor

  MTSF3N03HD Datasheet HTML 1Page - ON Semiconductor MTSF3N03HD Datasheet HTML 2Page - ON Semiconductor MTSF3N03HD Datasheet HTML 3Page - ON Semiconductor MTSF3N03HD Datasheet HTML 4Page - ON Semiconductor MTSF3N03HD Datasheet HTML 5Page - ON Semiconductor MTSF3N03HD Datasheet HTML 6Page - ON Semiconductor MTSF3N03HD Datasheet HTML 7Page - ON Semiconductor MTSF3N03HD Datasheet HTML 8Page - ON Semiconductor MTSF3N03HD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2000
November, 2000 – Rev. 4
1
Publication Order Number:
MTSF3N03HD/D
MTSF3N03HD
Preferred Device
Power MOSFET
3 Amps, 30 Volts
N–Channel Micro8
t
These Power MOSFET devices are capable of withstanding high
energy in the avalanche and commutation modes and the drain–to–source
diode has a very low reverse recovery time. Micro8 devices are designed
for use in low voltage, high speed switching applications where power
efficiency is important. Typical applications are dc–dc converters, and
power management in portable and battery powered products such as
computers, printers, cellular and cordless phones. They can also be used
for low voltage motor controls in mass storage products such as disk
drives and tape drives. The avalanche energy is specified to eliminate the
guesswork in designs where inductive loads are switched and offer
additional safety margin against unexpected voltage transients.
• Miniature Micro8 Surface Mount Package – Saves Board Space
• Extremely Low Profile (<1.1 mm) for thin applications such as
PCMCIA cards
• Ultra Low RDS(on) Provides Higher Efficiency and Extends Battery
Life
• Logic Level Gate Drive – Can Be Driven by Logic ICs
• Diode Is Characterized for Use In Bridge Circuits
• Diode Exhibits High Speed, With Soft Recovery
• IDSS Specified at Elevated Temperature
• Avalanche Energy Specified
• Mounting Information for Micro8 Package Provided
1
8
Device
Package
Shipping
ORDERING INFORMATION
MTSF3N03HDR2
Micro8
4000 Tape & Reel
Micro8
CASE 846A
STYLE 1
http://onsemi.com
AA
MARKING
DIAGRAM
WW
WW
= Date Code
Source
1
2
3
4
8
7
6
5
Top View
Source
Source
Gate
Drain
Drain
Drain
Drain
PIN ASSIGNMENT
Preferred devices are recommended choices for future use
and best overall value.
N–Channel
3 AMPERES
30 VOLTS
RDS(on) = 40 mW
D
S
G


Similar Part No. - MTSF3N03HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTSF3N03HD MOTOROLA-MTSF3N03HD Datasheet
232Kb / 12P
SINGLE TMOS POWER MOSFET 3.8 AMPERES 30 VOLTS RDS(on) = 0.040 OHM
More results

Similar Description - MTSF3N03HD

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com