Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTSF3N03HD Datasheet(PDF) 2 Page - ON Semiconductor

Part # MTSF3N03HD
Description  Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTSF3N03HD Datasheet(HTML) 2 Page - ON Semiconductor

  MTSF3N03HD Datasheet HTML 1Page - ON Semiconductor MTSF3N03HD Datasheet HTML 2Page - ON Semiconductor MTSF3N03HD Datasheet HTML 3Page - ON Semiconductor MTSF3N03HD Datasheet HTML 4Page - ON Semiconductor MTSF3N03HD Datasheet HTML 5Page - ON Semiconductor MTSF3N03HD Datasheet HTML 6Page - ON Semiconductor MTSF3N03HD Datasheet HTML 7Page - ON Semiconductor MTSF3N03HD Datasheet HTML 8Page - ON Semiconductor MTSF3N03HD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MTSF3N03HD
http://onsemi.com
2
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Max
Unit
Drain–to–Source Voltage
VDSS
30
V
Drain–to–Gate Voltage (RGS = 1.0 MΩ)
VDGR
30
V
Gate–to–Source Voltage – Continuous
VGS
± 20
V
1
″ SQ.
FR–4 or G–10 PCB
Figure 1 below
Steady State
Thermal Resistance – Junction to Ambient
Total Power Dissipation @ TA = 25°C
Linear Derating Factor
Drain Current – Continuous @ TA = 25°C
Continuous @ TA = 70°C
Pulsed Drain Current (Note 1.)
RTHJA
PD
ID
ID
IDM
70
1.79
14.29
5.7
4.5
45
°C/W
Watts
mW/
°C
A
A
A
Minimum
FR–4 or G–10 PCB
Figure 2 below
Steady State
Thermal Resistance – Junction to Ambient
Total Power Dissipation @ TA = 25°C
Linear Derating Factor
Drain Current – Continuous @ TA = 25°C
Continuous @ TA = 70°C
Pulsed Drain Current (Note 1.)
RTHJA
PD
ID
ID
IDM
160
0.78
6.25
3.8
3.0
30
°C/W
Watts
mW/
°C
A
A
A
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
Single Pulse Drain–to–Source Avalanche Energy – Starting TJ = 25°C
(VDD = 30 Vdc, VGS = 5.0 Vdc, Peak IL = 9.0 Apk, L = 5.0 mH, RG = 25 W)
EAS
200
mJ
1. Repetitive rating; pulse width limited by maximum junction temperature.
Figure 1. 1
, Square FR–4 or G–10 PCB
Figure 2. Minimum FR–4 or G–10 PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com