Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8701 Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # SM8701
Description  DVD Player Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8701 Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button SM8701 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8701 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8701 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8701 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8701 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8701 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8701 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8701 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM8701 Datasheet HTML 14Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
SM8701BM
NIPPON PRECISION CIRCUITS—13
TYPICAL APPLICATION
s
Connect the decoupling capacitors (approximately
0.1
µF and 1000pF) in parallel, as close to power
supply pins as possible.
s
In order to minimize noise, it is useful to make
ground as solid pattern.
s
Master clock stability affects the other outputs sta-
bility. In the usage of crystal oscillator, load
capacitor and crystal oscillator should be placed as
close to the SM8701BM as possible, and wired
shortly. Select crystal oscillators and load capaci-
tance carefully, depending on the condition, as
those combination will have influence on the fre-
quency accuracy(C1, C2).
s
Supply pattern including decoupling capacitors
needs careful attention to make the IC’s perfor-
mance better, since the SM8701BM outputs sev-
eral high frequency clocks. Pattern capacitance
from output pins should not to be large for preven-
tion of the noise. Connecting output pins to buff-
ers is useful if it is necessary.
s
Power supply and ground pins.
• VDD
:5V
Power supply for digital block
(CPU I/F*, XT1, XT2).
• GND
:
Ground for digital block
(CPU I/F*, XT1, XT2, output
block except SO3).
• VDDP :5V
Power supply for PLL block.
• GNDP :
Ground for PLL block.
• VDDO :3.3V Power supply for SO3.
• GNDO :
Ground for SO3.
• VDD3 :3.3V Power supply for output block
(except SO3).
*: CPU I/F: MDT/R0, MCK/R1, MLEN/R2, RSTN,
P/S
VDDO
P/S
MLEN/R2
VDD
SO4
SO1
XTO
MDT/R0
SO3
VDD3
MON
GND
MO
XTI
MCK/R1
GNDP
VDDP
GNDO
SO2
RSTN
SM8701BM
CPU
+5V
256fs
384fs
768fs
33.8688MHz
27MHz
27MHz(Inverted)
C1
C2
C3
C4
C5
C6
X'tal
+3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com