Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8701 Datasheet (PDF) - Nippon Precision Circuits Inc

SM8701 Datasheet PDF - Nippon Precision Circuits Inc
Part # SM8701
Download  SM8701 Download
File Size   119.58 Kbytes
Page   14 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description DVD Player Clock Generator

SM8701 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM8701 Datasheet PDF - Nippon Precision Circuits Inc

Part # SM8701
Download  SM8701 Click to download

File Size   119.58 Kbytes
Page   14 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description DVD Player Clock Generator

SM8701 Datasheet (HTML) - Nippon Precision Circuits Inc


SM8701 Product details

OVERVIEW
The SM8701BM is a 27 MHz master clock, 5-system output clock generator for DVD players. It has 2 built-in PLLs that, with the addition of a single crystal oscillator element, can generate 256fs, 384fs and 768fs clocks plus independent fixed-frequency 27 MHz and 33.8688 MHz output clocks. Supported sampling frequencies (fs) include the standard 32, 44.1 or 48 kHz, or double-frequency 64, 88.2 or 96 kHz.

FEATURES
■ 27 MHz master clock (internal PLL reference clock)
■ Generated clocks
    • 27 MHz output
    • 33.8688 MHz output
    • 256fs output
    • 384fs output
    • 768fs output
■ Sampling frequency fs
    • 32/64 kHz
    • 44.1/88.2 kHz
    • 48/96 kHz
■ Low jitter output
■ 3-wire serial or parallel control
■ Supply voltage: VDD = VDDP = 5.0V VDDO = VDD3 = 3.3V
■ 20-pin SSOP package

APPLICATIONS
■ DVD players




Similar Part No. - SM8701

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8702AM NPC-SM8702AM Datasheet
155Kb / 16P
Clock Generator IC
SM8703 NPC-SM8703 Datasheet
106Kb / 12P
Clock Generator for MPEG2 System
SM8703AV NPC-SM8703AV Datasheet
106Kb / 12P
Clock Generator for MPEG2 System
SM8703CV NPC-SM8703CV Datasheet
98Kb / 12P
Clock Generator for DVD Players
SM8706 NPC-SM8706 Datasheet
100Kb / 8P
Clock Generator for DVD Players
More results


Similar Description - SM8701

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8706A NPC-SM8706A Datasheet
100Kb / 8P
Clock Generator for DVD Players
logo
Sanyo Semicon Device
LA9702W SANYO-LA9702W Datasheet
493Kb / 10P
DVD Player Front End Processor
logo
List of Unclassifed Man...
DV-SL100 ETC-DV-SL100 Datasheet
522Kb / 4P
Progressive Scan DVD Player
logo
Samsung semiconductor
S5L1454A SAMSUNG-S5L1454A Datasheet
1Mb / 161P
DVD PLAYER DIGITAL SERVO & DSP IC
logo
Rohm
BD3824FS ROHM-BD3824FS Datasheet
71Kb / 3P
Sound processor for DVD player
logo
List of Unclassifed Man...
BU2362FV ETC1-BU2362FV Datasheet
57Kb / 2P
Clock generator for DVD
logo
Rohm
RLD65MPT5 ROHM-RLD65MPT5 Datasheet
72Kb / 4P
Red Laser for DVD-player, Combination
logo
Nippon Precision Circui...
SM8703CV NPC-SM8703CV Datasheet
98Kb / 12P
Clock Generator for DVD Players
logo
Sanyo Semicon Device
LA9703W SANYO-LA9703W_06 Datasheet
390Kb / 16P
Front End Processor for DVD Player
LA73054 SANYO-LA73054 Datasheet
433Kb / 12P
For DVD Player Video Signal Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com