Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8702AM Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM8702AM
Description  Clock Generator IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8702AM Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM8702AM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SM8702AM
NIPPON PRECISION CIRCUITS—8
PCI clock characteristics
Ta = 0 to 70°C, VDD = 3.3V ± 5%, VSS = 0V, fX’tal = 14.318MHz, CL = 30pF unless otherwise noted.
SDRAM clock characteristics
Ta = 0 to 70°C, VDD = VDDL = 3.3V ± 5%, VSS = 0V, fX’tal = 14.318MHz, CL = 30pF unless otherwise noted.
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Output clock rise time1
1. Design maximu m values, not 100% guaranteed.
tr
V OL = 0.8V → VOH = 2.4V transition time
–
–
2.0
ns
Output clock fall time1
tf
V OH = 2.4V → VOL = 0.8V transition time
–
–
2.0
ns
Duty cycle
Dt
V T = 1.5V
4 5
5 0
5 5
%
Output clock jitter1
tjc
V T = 1.5V, rising edge
Cycle-to-cycle jitter
–
–
2 5 0
ps
Output clock skew 1
tskw
V T = 1.5V, rising edge
Between PCI clocks:
PCICLK_F and
PCICLK[0:4]
–
–
250
ps
CPU/PCI clock skew 2
2. CPUCLK and PCICLK r ising edges, V T-CPUCLK = 1.25V (VDDL = 2.5V)/1.5V (VDDL = 3.3V), V T-PCICLK = 1.5V skew measurement.
thpsk
V T-CPUCLK = 1.25/1.5V,
V T-PCICLK = 1.5V, rising
edges
Between CPU and PCI
clocks: CPUCLK[0:1] and
PCICLK_F/PCICLK[0:4]
1.0
2.2
4.0
ns
Clock frequency stabilize time1
tstb
Cold star t
Supply ON (VDD = 3.3V)
until clock reaches
specified frequency
––3
m s
Output impedance3
3. Design estimate values, not 100% guaranteed.
Z O
V O = 0.5VDD
1 0–6 0
Ω
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Output clock rise time1
1. Design maximu m values, not 100% guaranteed.
tr
V OL = 0.8V → VOH = 2.4V transition time
–
–
2.0
ns
Output clock fall time1
tf
V OH = 2.4V → VOL = 0.8V transition time
–
–
2.0
ns
Duty cycle1
Dt
V T = 1.5V, BUFFERIN
input clock signal rise
and fall time rate
≥ 1V/ns
3.3V BUFFERIN input
clock signal logic level
40
50
60
%
Output clock skew 1
tskw
V T = 1.5V, rising edge,
B UFFERIN input clock
signal rise and fall time
rate
≥ 1V/ns
Between SDRAM clocks:
SDRAM[0:13]
–
200
600
ps
Input to output propagation
delay2,3
2. B UFFERIN and SDRAM r ising edges, V T-BUFFERIN = 1.5V (logic level = 3.3V), V T-SDRAM = 1.5V delay measurement.
tpd
V T-BUFFERIN = 1.5V,
V T-SDRAM = 1.5V, rising
edges, BUFFERIN input
clock signal rise and fall
time rate
≥ 1V/ns
Between BUFFERIN and
SDRAM[0:13]
–
5.5
7.0
ns
Output impedance3
3. Design estimate values, not 100% guaranteed.
Z O
V O = 0.5VDD
1 0–6 0
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com