Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8702AM Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM8702AM
Description  Clock Generator IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8702AM Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM8702AM Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SM8702AM
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
Clock Generator IC
OVERVIEW
The SM8702AM is a clock generator IC that can generate clock signals up to and exceeding 100MHz for per-
sonal computer (PC) motherboards. It uses a single 14.318MHz crystal oscillator element and 2 built-in PLLs
to simultaneously and independently generate 2 CPU clocks, 6 PCI bus clocks, 2 reference clocks with the
same frequency as the crystal element, 48MHz USB interface clock, and 24MHz Super I/O chip clock outputs.
It also has 14 outputs that can function as SDRAM clocks by buffering an external input SDRAM clock.
FEATURES
s
Intel® Pentium® II, Pentium® III, and AMD x86-
compatibles supported
s
2.5/3.3V CPU clock outputs and IOAPIC clock
output
s
14
× SDRAM clock outputs (3 DIMMs)
s
2
× CPU clock outputs
(60), 66, 75, 83, 95, 100, 103, 112, (124), 133MHz
CPU/SDRAM clock frequencies. Values in paren-
theses are available as mask options.
s
6
× PCI bus clock outputs (one free-running out-
put)
33MHz or 1/2, 1/3, 1/4 of the CPU clock fre-
quency
s
2
× reference clock outputs and 1 × IOAPIC clock
output
14.318MHz REF/IOAPIC clock frequency
s
1
× 48MHz USB interface clock output
s
1
× 24MHz clock output for Super I/O chip
s
I2C serial data bus for frequency/mode output con-
trol
s
CPU-stop and PCI-stop functions
s
Spread Spectrum Clock Generator (SSCG) out-
puts
Center spread/Down spread, ± 0.5% or ± 1.5%
s
3.3V (VDD) and 2.5/3.3V (VDDL) supply volt-
ages
s
48-pin SSOP package (pin compatible with
ICS9148-26)
APPLICATIONS
s
PC motherboards using Intel® Pentium®, Pen-
tium® II/III, AMD-K6 devices, and x86 architec-
ture CPUs
PINOUT
48-pin SSOP (300 mil)
(Top view)
ORDERING INFORMATION
Intel® and Pentium® are registered trademarks of Intel co..
AMD and AMD-K6 are registered trademarks of Advanced Micro Devices, Inc..
I2C Bus is a registered trademark of Philips Electronics N. V..
D e vice
P a ck ag e
SM8702AM
48-pin SSOP
VDD1
REF0
VSS
XT
XTN
VDD2
PCICLK_F/MODE
VDDL1
IOAPIC
REF1/FS2
VSS
CPUCLK0
CPUCLK1
VDDL2
PCICLK0
SDRAM13
VSS
PCICLK1
SDRAM12
VSS
148
PCICLK2
PCICLK3
SDRAM0
SDRAM1
PCICLK4
VDD2
BUFFERIN
VSS
SDRAM11/CPU_STOP#
SDRAM10/PCI_STOP#
VDD3
SDRAM9
SDRAM8
VSS
SDATA
SCLK
VDD3
SDRAM2
SDRAM3
VSS
SDRAM4
SDRAM5
VDD3
SDRAM6
SDRAM7
VDD4
48MHz/FS0
24MHz/FS1
24
25


Similar Part No. - SM8702AM

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8701 NPC-SM8701 Datasheet
119Kb / 14P
DVD Player Clock Generator
SM8701BM NPC-SM8701BM Datasheet
119Kb / 14P
DVD Player Clock Generator
SM8703 NPC-SM8703 Datasheet
106Kb / 12P
Clock Generator for MPEG2 System
SM8703AV NPC-SM8703AV Datasheet
106Kb / 12P
Clock Generator for MPEG2 System
SM8703CV NPC-SM8703CV Datasheet
98Kb / 12P
Clock Generator for DVD Players
More results

Similar Description - SM8702AM

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2288FV ROHM-BU2288FV Datasheet
64Kb / 7P
Clock generator IC
BU2285FV ROHM-BU2285FV Datasheet
63Kb / 7P
Clock generator IC
logo
List of Unclassifed Man...
BU2286FV ETC-BU2286FV Datasheet
50Kb / 2P
Clock generator IC
FS6118 ETC-FS6118 Datasheet
87Kb / 4P
CLOCK GENERATOR IC
BU2294AF ETC1-BU2294AF Datasheet
62Kb / 2P
Clock generator IC
logo
PhaseLink Corporation
PLL501-01 PLL-PLL501-01 Datasheet
97Kb / 6P
VCXO Clock Generator IC
PLL501-05 PLL-PLL501-05 Datasheet
97Kb / 6P
VCXO Clock Generator IC
PLL501-21 PLL-PLL501-21 Datasheet
133Kb / 5P
VCXO Clock Generator IC
logo
List of Unclassifed Man...
FS6261-01 ETC1-FS6261-01 Datasheet
209Kb / 17P
Motherboard Clock Generator IC
logo
Asahi Kasei Microsystem...
AK8142 AKM-AK8142 Datasheet
313Kb / 19P
Programable Clock Generator IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com