Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DNT-TJS Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # DNT-TJS
Description  High brightness surface mount LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DNT-TJS Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  DNT-TJS Datasheet HTML 1Page - DOMINANT Semiconductors DNT-TJS Datasheet HTML 2Page - DOMINANT Semiconductors DNT-TJS Datasheet HTML 3Page - DOMINANT Semiconductors DNT-TJS Datasheet HTML 4Page - DOMINANT Semiconductors DNT-TJS Datasheet HTML 5Page - DOMINANT Semiconductors DNT-TJS Datasheet HTML 6Page - DOMINANT Semiconductors DNT-TJS Datasheet HTML 7Page - DOMINANT Semiconductors DNT-TJS Datasheet HTML 8Page - DOMINANT Semiconductors DNT-TJS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
InGaN : DNT-TJS
03/03/2014 V2.0
3
Group
Dominant wavelength is measured with an accuracy of ± 1 nm.
Wavelength Grouping at Tj=250C
Wavelength distribution (nm)
Color
DNT; True Green
Full
W
X
Y
Z
520 - 536
520 - 524
524 - 528
528 - 532
532 - 536
InGaN wavelength is very sensitive to drive current. Operating at lower current is not recommended and may yield unpredictable
performance. Current pulsing should is used for dimming purposes.
DOMINANT
Opto Technologies
Innovating Illumination
TM
Q1
Q2
R1
R2
71.5 ... 90.0
90.0 ... 112.5
112.5 ... 140.0
140.0 ... 180.0
Brightness Group
Luminous Intensity
IV (mcd)
Luminous Intensity Group at Tj=25˚C
Luminous intensity is measured with an accuracy of ± 11%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com