Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DNT-TJS Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DNT-TJS
Description  High brightness surface mount LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DNT-TJS Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DNT-TJS Datasheet HTML 1Page - DOMINANT Semiconductors DNT-TJS Datasheet HTML 2Page - DOMINANT Semiconductors DNT-TJS Datasheet HTML 3Page - DOMINANT Semiconductors DNT-TJS Datasheet HTML 4Page - DOMINANT Semiconductors DNT-TJS Datasheet HTML 5Page - DOMINANT Semiconductors DNT-TJS Datasheet HTML 6Page - DOMINANT Semiconductors DNT-TJS Datasheet HTML 7Page - DOMINANT Semiconductors DNT-TJS Datasheet HTML 8Page - DOMINANT Semiconductors DNT-TJS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
03/03/2014 V2.0
2
DNT-TJS-QR2-1
True Green, 530nm
120
71.50
InGaN : DNT-TJS
Part Ordering
Number
Color
Viewing
Angle˚
Luminous Intensity @ 10mA IV (mcd)
NOTE
1. All part number above comes in a quantity of 3000 units per reel.
2. Other luminious intensity groups are also available upon request.
3. Luminous intensity is measured with an accuracy of ± 11%.
4. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
Unit
Absolute Maximum Ratings
Maximum Value
DC Forward Current
Peak Pulse Current; (tp ≤ 10µs, Duty cycle = 0.005)
Reverse Voltage
ESD Threshold (HBM)
LED Junction Temperature
Operating Temperature
Storage Temperature
Power Dissipation (at room temperature)
20
200
5
2
125
-40 … +100
-40 … +100
80
mA
mA
V
kV
˚C
˚C
˚C
mW
Optical characteristics at Tj=250C
DOMINANT
Opto Technologies
Innovating Illumination
TM
Min.
Typ.
Max.
112.50
180.0
Vr @ Ir = 10 µA
Electrical Characteristics at Tj=250C
Vf @ If = 10 mA
3.2
5.0
Forward Voltage, Vf is measured with an accuracy of ± 0.1 V.
Part Number
Min. (V)
Typ. (V)
Max. (V)
Min. (V)
DNT-TJS
2.7
3.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com