Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DNX-CJS Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # DNX-CJS
Description  High brightness surface mount LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DNX-CJS Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  DNX-CJS Datasheet HTML 1Page - DOMINANT Semiconductors DNX-CJS Datasheet HTML 2Page - DOMINANT Semiconductors DNX-CJS Datasheet HTML 3Page - DOMINANT Semiconductors DNX-CJS Datasheet HTML 4Page - DOMINANT Semiconductors DNX-CJS Datasheet HTML 5Page - DOMINANT Semiconductors DNX-CJS Datasheet HTML 6Page - DOMINANT Semiconductors DNX-CJS Datasheet HTML 7Page - DOMINANT Semiconductors DNX-CJS Datasheet HTML 8Page - DOMINANT Semiconductors DNX-CJS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
18/06/2012 V6.0
4
AllnGaP : DNx-CJS
Unit
Characteristics
Value
Temperature coefficient of
IF = 20mA; 0 ˚C <= T <= 100 ˚C
Temperature coefficient of VF (typ)
IF = 20mA; 0 ˚C <= T <= 100 ˚C
Temperature coefficient of IV (typ)
IF = 20mA; 0 ˚C <= T <= 100 ˚C
nm / K
Symbol
dom (typ)
dom (typ)
TC
0.04
0.04
0.04
0.06
0.07
0.09
0.11
0.11
TCV
-2.6
-2.7
-2.6
-2.6
-1.9
-1.9
-1.8
-1.8
mV / K
TCIV
-0.42
-0.56
-0.58
-0.62
-0.68
-1.13
-1.20
-1.22
% / K
DNH-CJS
DNS-CJS
DNR-CJS
DNA-CJS
DNO-CJS
DNY-CJS
DNG-CJS
DNP-CJS
Part Number
DNH-CJS
DNS-CJS
DNR-CJS
DNA-CJS
DNO-CJS
DNY-CJS
DNG-CJS
DNP-CJS
DNH-CJS
DNS-CJS
DNR-CJS
DNA-CJS
DNO-CJS
DNY-CJS
DNG-CJS
DNP-CJS
DOMINANT
Opto Technologies
Innovating Illumination
TM
L1
L2
M1
M2
N2
P1
P2
Q1
Q2
R1
R2
S1
S2
11.2...14.0
14.0...18.0
18.0...22.4
22.4...28.5
35.5...45.0
45.0...56.0
56.0...71.5
71.5...90.0
90.0...112.5
112.5...140.0
140.0...180.0
180.0...224.0
224.0...285.0
Brightness Group
Luminous Intensity
IV (mcd)
Luminous Intensity Group at Tj=25˚C
Luminous intensity is measured with an accuracy of ± 11%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com