Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DNX-CJS Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DNX-CJS
Description  High brightness surface mount LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DNX-CJS Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DNX-CJS Datasheet HTML 1Page - DOMINANT Semiconductors DNX-CJS Datasheet HTML 2Page - DOMINANT Semiconductors DNX-CJS Datasheet HTML 3Page - DOMINANT Semiconductors DNX-CJS Datasheet HTML 4Page - DOMINANT Semiconductors DNX-CJS Datasheet HTML 5Page - DOMINANT Semiconductors DNX-CJS Datasheet HTML 6Page - DOMINANT Semiconductors DNX-CJS Datasheet HTML 7Page - DOMINANT Semiconductors DNX-CJS Datasheet HTML 8Page - DOMINANT Semiconductors DNX-CJS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
18/06/2012 V6.0
2
DNH-CJS-N2Q1-1
DNS-CJS-PQ2-1
DNS-CJS-Q2S1-1
DNS-CJS-QR1-1
DNR-CJS-RS2-1
DNA-CJS-RS2-1
DNO-CJS-RS2-1
DNY-CJS-RS2-1
DNG-CJS-PQ2-1
DNP-CJS-LM2-1
Hyper-red, 640nm
Super-red, 632nm
Super-red, 632nm
Super-red 632nm
Red, 625nm
Amber, 615nm
Orange, 605nm
Yellow, 587nm
Green, 570nm
Pure Green, 560nm
120
120
120
120
120
120
120
120
120
120
35.50
45.00
90.00
71.50
112.50
112.50
112.50
112.50
45.00
11.20
AllnGaP : DNx-CJS
Part Ordering
Number
Color
Viewing
Angle˚
Luminous Intensity @ 20mA IV (mcd)
Optical Characteristics at Tj=25˚C
NOTE
1. All part number above comes in a quantity of 3000 units per reel.
2. Other luminous intensity groups are also available upon request.
3. Luminous intensity is measured with an accuracy of ± 11%.
4. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
Min.
Typ.
Max.
56.00
71.50
140.00
105.00
180.00
180.00
180.00
180.00
71.50
18.00
90.00
112.50
224.00
140.00
285.00
285.00
285.00
285.00
112.50
28.50
Typ. (V)
Vf @ If = 20mA
Forward voltage, Vf is measured with an accuracy of ± 0.1 V.
Electrical Characteristics at Tj=25˚C
Max. (V)
Vr @ Ir = 10uA
Min. (V)
Part Number
DNH-CJS, DNS-CJS, DNR-CJS, DNA-CJS,
DNO-CJS, DNY-CJS, DNG-CJS, DNP-CJS
1.95
2.4
1.7
Min. (V)
12
DOMINANT
Opto Technologies
Innovating Illumination
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com