Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFS6B03NL Datasheet(PDF) 1 Page - ON Semiconductor

Part # NVMFS6B03NL
Description  Single N?묬hannel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS6B03NL Datasheet(HTML) 1 Page - ON Semiconductor

  NVMFS6B03NL Datasheet HTML 1Page - ON Semiconductor NVMFS6B03NL Datasheet HTML 2Page - ON Semiconductor NVMFS6B03NL Datasheet HTML 3Page - ON Semiconductor NVMFS6B03NL Datasheet HTML 4Page - ON Semiconductor NVMFS6B03NL Datasheet HTML 5Page - ON Semiconductor NVMFS6B03NL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2015
October, 2015 − Rev. P0
1
Publication Order Number:
NVMFS6B03NL/D
NVMFS6B03NL
Advance Information
Power MOSFET
100 V, 4.8 m
W, 145 A, Single N−Channel
Features
• Small Footprint (5x6 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low QG and Capacitance to Minimize Driver Losses
• NVMFS6B03NLWF − Wettable Flank Option for Enhanced Optical
Inspection
• AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
100
V
Gate−to−Source Voltage
VGS
±16
V
Continuous Drain Cur-
rent RqJC (Notes 1, 2,
3)
Steady
State
TC = 25°C
ID
145
A
TC = 100°C
102
Power Dissipation
RqJC (Notes 1, 2)
TC = 25°C
PD
198
W
TC = 100°C
99
Continuous Drain Cur-
rent RqJA (Notes 1, 2,
3)
Steady
State
TA = 25°C
ID
20
A
TA = 100°C
14
Power Dissipation
RqJA (Notes 1 & 2)
TA = 25°C
PD
3.9
W
TA = 100°C
2.0
Pulsed Drain Current
TA = 25°C, tp = 10 ms
IDM
520
A
Operating Junction and Storage Temperature
TJ, Tstg
− 55 to
+ 175
°C
Source Current (Body Diode)
IS
160
A
Single Pulse Drain−to−Source Avalanche
Energy (TJ = 25°C, VDD = 50 V, VGS = 10 V,
IL(pk) = 60 A, L = 0.1 mH, RG = 25 W)
EAS
180
mJ
Lead Temperature for Soldering Purposes
(1/8
″ from case for 10 s)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Case − Steady State
RqJC
0.76
°C/W
Junction−to−Ambient − Steady State (Note 2)
RqJA
38
1. The entire application environment impacts the thermal resistance values shown,
they are not constants and are only valid for the particular conditions noted.
2. Surface−mounted on FR4 board using a 650 mm2, 2 oz. Cu pad.
3. Maximum current for pulses as long as 1 second is higher but is dependent
on pulse duration and duty cycle.
This document contains information on a new product. Specifications and information
herein are subject to change without notice.
MARKING
DIAGRAM
www.onsemi.com
A
= Assembly Location
Y
= Year
W
= Work Week
ZZ
= Lot Traceability
XXXXXX
AYWZZ
V(BR)DSS
RDS(ON) MAX
ID MAX
100 V
4.8 m
W @ 10 V
145 A
G (4)
S (1,2,3)
N−CHANNEL MOSFET
D (5,6)
S
S
S
G
D
D
D
D
DFN5
(SO−8FL)
CASE 488AA
STYLE 1
1
See detailed ordering, marking and shipping information on
page 5 of this data sheet.
ORDERING INFORMATION


Similar Part No. - NVMFS6B03NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS6B03NLT1G ONSEMI-NVMFS6B03NLT1G Datasheet
88Kb / 6P
Power MOSFET
January, 2016 ??Rev. 0
NVMFS6B03NLT3G ONSEMI-NVMFS6B03NLT3G Datasheet
88Kb / 6P
Power MOSFET
January, 2016 ??Rev. 0
NVMFS6B03NLWFT1G ONSEMI-NVMFS6B03NLWFT1G Datasheet
88Kb / 6P
Power MOSFET
January, 2016 ??Rev. 0
NVMFS6B03NLWFT3G ONSEMI-NVMFS6B03NLWFT3G Datasheet
88Kb / 6P
Power MOSFET
January, 2016 ??Rev. 0
NVMFS6B03NL ONSEMI-NVMFS6B03NL_16 Datasheet
88Kb / 6P
Power MOSFET
January, 2016 ??Rev. 0
More results

Similar Description - NVMFS6B03NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4H01N ONSEMI-NTMFS4H01N Datasheet
91Kb / 7P
Power MOSFET Single N?묬hannel
April, 2014 ??Rev. 1
NVMFS5C404NL ONSEMI-NVMFS5C404NL Datasheet
80Kb / 6P
Single N?묬hannel Power MOSFET
September, 2014 ??Rev. 2
NVMFS5C410N ONSEMI-NVMFS5C410N Datasheet
82Kb / 6P
Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NVMFS5C442N ONSEMI-NVMFS5C442N Datasheet
87Kb / 6P
Single N?묬hannel Power MOSFET
May, 2015 ??Rev. 1
NVMFS5C450N ONSEMI-NVMFS5C450N Datasheet
81Kb / 6P
Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NTMFS4825NFE ONSEMI-NTMFS4825NFE Datasheet
115Kb / 6P
Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 1
NTMFS4933N ONSEMI-NTMFS4933N Datasheet
118Kb / 7P
Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 8
NTMKE4894N ONSEMI-NTMKE4894N Datasheet
128Kb / 6P
Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 3
NTR4518N ONSEMI-NTR4518N Datasheet
74Kb / 6P
Single N?묬hannel Power MOSFET
November, 2006 ??Rev. 0
NTMFS6B14N ONSEMI-NTMFS6B14N Datasheet
76Kb / 6P
Single N?묬hannel Power MOSFET
February, 2015 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com