Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFS6B03NL Datasheet(PDF) 4 Page - ON Semiconductor

Part # NVMFS6B03NL
Description  Single N?묬hannel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS6B03NL Datasheet(HTML) 4 Page - ON Semiconductor

  NVMFS6B03NL Datasheet HTML 1Page - ON Semiconductor NVMFS6B03NL Datasheet HTML 2Page - ON Semiconductor NVMFS6B03NL Datasheet HTML 3Page - ON Semiconductor NVMFS6B03NL Datasheet HTML 4Page - ON Semiconductor NVMFS6B03NL Datasheet HTML 5Page - ON Semiconductor NVMFS6B03NL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NVMFS6B03NL
www.onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Qg, TOTAL GATE CHARGE (nC)
100
10
1
1
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
Figure 10. Diode Forward Voltage vs. Current
RG, GATE RESISTANCE (W)
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
100
10
1
1
10
100
1000
0.9
0.8
0.7
0.6
0.4
0.3
0
20
40
100
VGS = 0 V
TJ = 25°C
f = 1 MHz
Ciss
Coss
Crss
QT
VDS = 50 V
ID = 50 A
VGS = 10 V
td(on)
tr
tf
TJ = 25°C
10
100
1.2
0
2
12
020
5
25
40
45
60
TJ = 25°C
VDS = 50 V
ID = 50 A
120
160
200
30
10
1000
10,000
6
8
10
4
Qgs
Qgd
td(off)
50
0.5
60
80
140
180
15
35
55
1.0
1.1
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
100
10
1
0.1
0.01
0.1
1
10
100
1000
VGS ≤ 10 V
Single Pulse
TC = 25°C
RDS(on) Limit
Thermal Limit
Package Limit
500
ms
1 ms
10 ms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com