Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRX-MJS0 Datasheet(PDF) 5 Page - DOMINANT Semiconductors

Part # DRX-MJS0
Description  High brightness surface mount LED using thin film technology
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DRX-MJS0 Datasheet(HTML) 5 Page - DOMINANT Semiconductors

  DRX-MJS0 Datasheet HTML 1Page - DOMINANT Semiconductors DRX-MJS0 Datasheet HTML 2Page - DOMINANT Semiconductors DRX-MJS0 Datasheet HTML 3Page - DOMINANT Semiconductors DRX-MJS0 Datasheet HTML 4Page - DOMINANT Semiconductors DRX-MJS0 Datasheet HTML 5Page - DOMINANT Semiconductors DRX-MJS0 Datasheet HTML 6Page - DOMINANT Semiconductors DRX-MJS0 Datasheet HTML 7Page - DOMINANT Semiconductors DRX-MJS0 Datasheet HTML 8Page - DOMINANT Semiconductors DRX-MJS0 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
26/10/2015 V10.0
5
AlInGaP : DRx-MJS
DOMINANT
Opto Technologies
Innovating Illumination
TM
Vf Bining (Optional)
Vf @ If = 20mA
V1
V2
V3
V4
V5
V6
1.80 ... 1.95
1.95 ... 2.10
2.10 ... 2.25
2.25 ... 2.40
2.40 ... 2.55
2.55 ... 2.70
Forward voltage, Vf is measured with an accuracy of ± 0.1V.
Please consult sales and marketing to incorporate special part number to incorporate Vf binning.
Luminous Intensity Group at Tj=25˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com