Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRX-MJS0 Datasheet(PDF) 13 Page - DOMINANT Semiconductors

Part # DRX-MJS0
Description  High brightness surface mount LED using thin film technology
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DRX-MJS0 Datasheet(HTML) 13 Page - DOMINANT Semiconductors

Back Button DRX-MJS0 Datasheet HTML 6Page - DOMINANT Semiconductors DRX-MJS0 Datasheet HTML 7Page - DOMINANT Semiconductors DRX-MJS0 Datasheet HTML 8Page - DOMINANT Semiconductors DRX-MJS0 Datasheet HTML 9Page - DOMINANT Semiconductors DRX-MJS0 Datasheet HTML 10Page - DOMINANT Semiconductors DRX-MJS0 Datasheet HTML 11Page - DOMINANT Semiconductors DRX-MJS0 Datasheet HTML 12Page - DOMINANT Semiconductors DRX-MJS0 Datasheet HTML 13Page - DOMINANT Semiconductors DRX-MJS0 Datasheet HTML 14Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Revision History
Page
-
2
-
2
2
4
2
5
3
1, 11
Subjects
Initial Release
Update on Power Dissipation --> 140mW
Update company name
Add partno: DRS-MJS-UV1-1
Add partno: DRO-MJS-VW1-1
Add Vf Binning
Add Thermal Resistance
Update graph: Relative Intensity Vs Forward Current
Add Characteristics
Add Features
Update Packaging Specification
Date of Modification
04 Aug 2009
08 Dec 2009
31 May 2010
18 Nov 2010
24 Feb 2012
03 Sep 2012
26 Apr 2013
11 Dec 2013
24 Jul 2014
26 Oct 2015
AlInGaP : DRx-MJS
26/10/2015 V10.0
13
DOMINANT
Opto Technologies
Innovating Illumination
TM
NOTE
All the information contained in this document is considered to be reliable at the time of publishing. However, DOMINANT
Opto Technologies does not assume any liability arising out of the application or use of any product described herein.
DOMINANT Opto Technologies reserves the right to make changes to any products in order to improve reliability, function
or design.
DOMINANT Opto Technologies products are not authorized for use as critical components in life support devices or systems
without the express written approval from the Managing Director of DOMINANT Opto Technologies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com