Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRX-NJS5 Datasheet(PDF) 13 Page - DOMINANT Semiconductors

Part # DRX-NJS5
Description  High brightness surface mount LED using thin film technology
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DRX-NJS5 Datasheet(HTML) 13 Page - DOMINANT Semiconductors

Back Button DRX-NJS5 Datasheet HTML 6Page - DOMINANT Semiconductors DRX-NJS5 Datasheet HTML 7Page - DOMINANT Semiconductors DRX-NJS5 Datasheet HTML 8Page - DOMINANT Semiconductors DRX-NJS5 Datasheet HTML 9Page - DOMINANT Semiconductors DRX-NJS5 Datasheet HTML 10Page - DOMINANT Semiconductors DRX-NJS5 Datasheet HTML 11Page - DOMINANT Semiconductors DRX-NJS5 Datasheet HTML 12Page - DOMINANT Semiconductors DRX-NJS5 Datasheet HTML 13Page - DOMINANT Semiconductors DRX-NJS5 Datasheet HTML 14Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Revision History
NOTE
All the information contained in this document is considered to be reliable at the time of publishing. However, DOMINANT
Opto Technologies does not assume any liability arising out of the application or use of any product described herein.
DOMINANT Opto Technologies reserves the right to make changes to any products in order to improve reliability, function
or design.
DOMINANT Opto Technologies products are not authorized for use as critical components in life support devices or sys-
tems without the express written approval from the Managing Director of DOMINANT Opto Technologies.
Page
2
2
4
4
2, 3
2
2
5
4
2
3
1, 6, 7, 11
Subjects
Print Error on DC Forward Current
- Update Max Current to 50mA
- Update Max Current Vs Ambient Temperature
Add Maximum Pulse Current Vs Duty Ratio
Add Vf binning
Update Thermal Resistance and Characteristics
Add new partno: DRS-NJS-T2U-1
Add new partno: DRS-NJS-UV1-1
Typo error on Vf Binning
Update Characteristics
Add new partno: DRY-NJS-TU2-1
Update Power Dissipation
Add Features
Add Note in Packaging Outline
Update Graph: Forward Current Vs Forward Voltage
Update Packaging Specification
Date of Modification
19 Jan 2009
09 Jul 2009
22 Jul 2009
30 Oct 2009
18 Mar 2010
26 Aug 2010
29 Dec 2010
08 Apr 2011
18 Jan 2012
09 Dec 2013
13 Mar 2014
30 Oct 2015
AlInGaP : DRx-NJS
13
DOMINANT
Opto Technologies
Innovating Illumination
TM
30/10/2015 V15.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com