Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRX-NJS5 Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DRX-NJS5
Description  High brightness surface mount LED using thin film technology
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DRX-NJS5 Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DRX-NJS5 Datasheet HTML 1Page - DOMINANT Semiconductors DRX-NJS5 Datasheet HTML 2Page - DOMINANT Semiconductors DRX-NJS5 Datasheet HTML 3Page - DOMINANT Semiconductors DRX-NJS5 Datasheet HTML 4Page - DOMINANT Semiconductors DRX-NJS5 Datasheet HTML 5Page - DOMINANT Semiconductors DRX-NJS5 Datasheet HTML 6Page - DOMINANT Semiconductors DRX-NJS5 Datasheet HTML 7Page - DOMINANT Semiconductors DRX-NJS5 Datasheet HTML 8Page - DOMINANT Semiconductors DRX-NJS5 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
DRS-NJS-TU1-1
DRS-NJS-T2U-1
DRS-NJS-UV1-1
DRR-NJS-T2U-1
DRA-NJS-UV1-1
DRO-NJS-UV1-1
DRY-NJS-TU2-1
DRY-NJS-UV1-1
Super Red, 632nm
Super Red, 632nm
Super Red, 632nm
Red, 625nm
Amber, 615nm
Orange, 605nm
Yellow, 587nm
Yellow, 587nm
120
120
120
120
120
120
120
120
285.0
355.0
450.0
355.0
450.0
450.0
285.0
450.0
AlInGaP : DRx-NJS
Part Ordering
Number
Color
Viewing
Angle˚
Luminous Intensity @ IF = 20mA IV (mcd)
NOTE
1. All part number above comes in a quantity of 2000 units per reel.
2. Luminous intensity is measured with an accuracy of ± 11%.
3. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
4. An optional Vf bining is also available upon request. Bining scheme is as per following table.
Optical Characteristics at Tj=25˚C
Min.
Typ.
Max.
355.0
450.0
560.0
450.0
560.0
560.0
450.0
560.0
560.0
715.0
900.0
715.0
900.0
900.0
715.0
900.0
Typ. (V)
Vf @ If = 20mA
Forward voltages are measure using a current pulse of 1 ms and with an accuracy of ± 0.1V.
Electrical Characteristics at Tj=25˚C
Max. (V)
Vr @ Ir = 10uA
Min. (V)
Part Number
DRx-NJS
1.8
2.1
12
Min. (V)
2.6
DOMINANT
Opto Technologies
Innovating Illumination
TM
30/10/2015 V15.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com