Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRX-NRS Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # DRX-NRS
Description  High brightness surface mount LED using thin film technology
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DRX-NRS Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  DRX-NRS Datasheet HTML 1Page - DOMINANT Semiconductors DRX-NRS Datasheet HTML 2Page - DOMINANT Semiconductors DRX-NRS Datasheet HTML 3Page - DOMINANT Semiconductors DRX-NRS Datasheet HTML 4Page - DOMINANT Semiconductors DRX-NRS Datasheet HTML 5Page - DOMINANT Semiconductors DRX-NRS Datasheet HTML 6Page - DOMINANT Semiconductors DRX-NRS Datasheet HTML 7Page - DOMINANT Semiconductors DRX-NRS Datasheet HTML 8Page - DOMINANT Semiconductors DRX-NRS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Group
Dominant wavelength is measured with an accuracy of ± 1 nm.
Wavelength Grouping at Tj=25˚C
Wavelength distribution (nm)
Color
DRS; Super Red
DRR; Red
DRA; Amber
DRO; Orange
DRY; Yellow
Full
Full
Full
W
X
Full
W
X
Y
Z
Full
W
X
Y
Z
625 - 640
620 - 630
610 - 621
610 - 615
615 - 621
600 - 612
600 - 603
603 - 606
606 - 609
609 - 612
582 - 594
582 - 585
585 - 588
588 - 591
591 - 594
AlInGaP : DRx-NRS
22/06/2012 V4.0
3
DOMINANT
Opto Technologies
Innovating Illumination
TM
Unit
Characteristics
Value
Temperature coefficient of
IF = 20mA; 0 ˚C <= T <= 85 ˚C
Temperature coefficient of VF (typ)
IF = 20mA; 0 ˚C <= T <= 85 ˚C
Temperature coefficient of IV (typ)
IF = 20mA; 0 ˚C <= T <= 85 ˚C
nm / K
Symbol
dom (typ)
dom (typ)
TC
0.06
0.07
0.07
0.08
0.09
TCV
-3.9
-2.3
-2.2
-2.0
-1.9
mV / K
TCIV
-0.6
-0.6
-0.7
-0.9
-1.1
% / K
DRS-NRS
DRR-NRS
DRA-NRS
DRO-NRS
DRY-NRS
Part Number
DRS-NRS
DRR-NRS
DRA-NRS
DRO-NRS
DRY-NRS
DRS-NRS
DRR-NRS
DRA-NRS
DRO-NRS
DRY-NRS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com