Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRX-NRS Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DRX-NRS
Description  High brightness surface mount LED using thin film technology
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DRX-NRS Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DRX-NRS Datasheet HTML 1Page - DOMINANT Semiconductors DRX-NRS Datasheet HTML 2Page - DOMINANT Semiconductors DRX-NRS Datasheet HTML 3Page - DOMINANT Semiconductors DRX-NRS Datasheet HTML 4Page - DOMINANT Semiconductors DRX-NRS Datasheet HTML 5Page - DOMINANT Semiconductors DRX-NRS Datasheet HTML 6Page - DOMINANT Semiconductors DRX-NRS Datasheet HTML 7Page - DOMINANT Semiconductors DRX-NRS Datasheet HTML 8Page - DOMINANT Semiconductors DRX-NRS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
22/06/2012 V4.0
2
DRS-NRS-TU1-1
DRR-NRS-T2U-1
DRA-NRS-UV1-1
DRO-NRS-UV1-1
DRY-NRS-UV1-1
Super Red, 632nm
Red, 625nm
Amber, 615nm
Orange, 605nm
Yellow, 587nm
120
120
120
120
120
285.0
355.0
450.0
450.0
450.0
AlInGaP : DRx-NRS
Part Ordering
Number
Color
Viewing
Angle˚
Luminous Intensity @ IF = 20mA IV (mcd)
NOTE
1. All part number above comes in a quantity of 2000 units per reel.
2. Luminous intensity is measured with an accuracy of ± 11%.
3. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
4. An optional Vf bining is also available upon request. Bining scheme is as per following table.
Optical Characteristics at Tj=25˚C
Min.
Typ.
Max.
355.0
450.0
560.0
560.0
560.0
560.0
715.0
900.0
900.0
900.0
Typ. (V)
Vf @ If = 20mA
Forward voltages are measure using a current pulse of 1 ms and with an accuracy of ± 0.1V.
Electrical Characteristics at Tj=25˚C
Max. (V)
Vr @ Ir = 10uA
Min. (V)
Part Number
DRx-NRS
1.8
2.1
12
Min. (V)
2.6
Unit
Absolute Maximum Ratings
Maximum Value
DC forward current
Peak pulse current; (tp ≤ 10µs, Duty cycle = 0.10)
Reverse voltage
ESD threshold (HBM)
LED junction temperature
Operating temperature
Storage temperature
Power dissipation (at room temperature)
50
100
12
2
120
-40 … +100
-40 … +100
80
mA
mA
V
kV
˚C
˚C
˚C
mW
DOMINANT
Opto Technologies
Innovating Illumination
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com