Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRX-RJE Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # DRX-RJE
Description  High brightness surface mount LED using thin film technology
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DRX-RJE Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  DRX-RJE Datasheet HTML 1Page - DOMINANT Semiconductors DRX-RJE Datasheet HTML 2Page - DOMINANT Semiconductors DRX-RJE Datasheet HTML 3Page - DOMINANT Semiconductors DRX-RJE Datasheet HTML 4Page - DOMINANT Semiconductors DRX-RJE Datasheet HTML 5Page - DOMINANT Semiconductors DRX-RJE Datasheet HTML 6Page - DOMINANT Semiconductors DRX-RJE Datasheet HTML 7Page - DOMINANT Semiconductors DRX-RJE Datasheet HTML 8Page - DOMINANT Semiconductors DRX-RJE Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DRR; Red
DRY; Yellow
Group
Dominant wavelength is measured with an accuracy of ± 1 nm.
Wavelength Grouping at Tj= 25˚C
Wavelength distribution (nm)
Color
Full
Full
W
X
Y
Z
620 - 630
582 - 594
582 - 585
585 - 588
588 - 591
591 - 594
Colored Resin : DRx-RJE
29/06/2011 V5.0
3
T1
T2
U1
U2
V1
V2
W1
285.00...355.00
355.00...450.00
450.00...560.00
560.00...715.00
715.00...900.00
900.00...1125.00
1125.00 ... 1400.00
Brightness Group
Luminous Intensity
IV (mcd)
Luminous Intensity Group at Tj=25˚C
Luminous intensity is measured with an accuracy of ± 11%.
DOMINANT
Opto Technologies
Innovating Illumination
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com