Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRX-RJE Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DRX-RJE
Description  High brightness surface mount LED using thin film technology
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DRX-RJE Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DRX-RJE Datasheet HTML 1Page - DOMINANT Semiconductors DRX-RJE Datasheet HTML 2Page - DOMINANT Semiconductors DRX-RJE Datasheet HTML 3Page - DOMINANT Semiconductors DRX-RJE Datasheet HTML 4Page - DOMINANT Semiconductors DRX-RJE Datasheet HTML 5Page - DOMINANT Semiconductors DRX-RJE Datasheet HTML 6Page - DOMINANT Semiconductors DRX-RJE Datasheet HTML 7Page - DOMINANT Semiconductors DRX-RJE Datasheet HTML 8Page - DOMINANT Semiconductors DRX-RJE Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
29/06/2011 V5.0
2
DRR-RJE-UV2-1
DRR-RJE-TU2-1
DRY-RJE-UV2-1
DRY-RJE-VW1-1
Red, 625nm
Red, 625nm
Yellow, 587nm
Yellow, 587nm
120
120
120
120
450.0
285.0
450.0
715.0
Colored Resin : DRx-RJE
Part Ordering
Number
Color
Viewing
Angle˚
Luminous Intensity @ 20mA IV (mcd)
NOTE
1. All part number above comes in a quantity of 2000 units per reel.
2. Luminous intensity is measured with an accuracy of ± 11%.
3. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
Unit
Absolute Maximum Ratings
Maximum Value
DC forward current
Peak pulse current; (tp ≤ 10µs, Duty cycle = 0.005)
Reverse voltage
ESD threshold (HBM)
LED junction temperature
Operating temperature
Storage temperature
Power dissipation (at room temperature)
30
1000
12
2000
120
-40 … +100
-40 … +100
78
mA
mA
V
V
˚C
˚C
˚C
mW
Optical Characteristics at Tj=25˚C
Not for new design
Min.
Typ.
Max.
715.0
450.0
715.0
1000.0
1125.0
715.0
1125.0
1400.0
Typ. (V)
Vf @ If = 20mA
Forward voltage, Vf is measured with an accuracy of ± 0.1 V.
Electrical Characteristics at Tj=25˚C
Max. (V)
Vr @ Ir = 10uA
Min. (V)
Part Number
DRx-RJE
2.2
2.6
1.8
Min. (V)
12
DOMINANT
Opto Technologies
Innovating Illumination
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com