Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSF-LSG-PCN Datasheet(PDF) 6 Page - DOMINANT Semiconductors

Part # DSF-LSG-PCN
Description  High brightness surface mount LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DSF-LSG-PCN Datasheet(HTML) 6 Page - DOMINANT Semiconductors

Back Button DSF-LSG-PCN Datasheet HTML 2Page - DOMINANT Semiconductors DSF-LSG-PCN Datasheet HTML 3Page - DOMINANT Semiconductors DSF-LSG-PCN Datasheet HTML 4Page - DOMINANT Semiconductors DSF-LSG-PCN Datasheet HTML 5Page - DOMINANT Semiconductors DSF-LSG-PCN Datasheet HTML 6Page - DOMINANT Semiconductors DSF-LSG-PCN Datasheet HTML 7Page - DOMINANT Semiconductors DSF-LSG-PCN Datasheet HTML 8Page - DOMINANT Semiconductors DSF-LSG-PCN Datasheet HTML 9Page - DOMINANT Semiconductors DSF-LSG-PCN Datasheet HTML 10Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
02/05/2014 V2.0
6
InGaN Warm White : DSF-LSG
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
0°
Radiation Pattern
Relative Intensity Vs Forward Current
Forward Current; mA
0
10
20
30
40
50
0
0.5
1
1.5
2
2.5
Forward Current Vs Forward Voltage
Forward Voltage, V
2
2.5
3
3.5
4
0
10
20
30
40
50
Maximum Forward Current Vs Ambient Temperature
Ambient Temperature
0
10 20 30 40 50 60 70 80 90 100
5
10
15
20
25
Relative Intensity Vs Wavelength
Wavelength, nm
400
450
500
550
600
650
700
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
DOMINANT
Opto Technologies
Innovating Illumination
TM
Relative Intensity Vs Forward Current
Forward Current, mA
0
200
400
600
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Relative Flux Vs Forward Current
Forward Current, mA
0
200
400
600
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Forward Current Vs Forward Voltage
Forward Voltage, V
2
2.5
3
3.5
4
4.5
0
100
200
300
400
500
600
Relative Spectral Emission
Wavelength, nm
300
400
500
600
700
800
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Forward Current Vs Ambient Temperature (Rja=40K/W)
Ambient Temperature
0
10 20 30 40 50 60 70 80 90 100
0
50
100
150
200
250
300
350
400
Forward Current Vs Solder Point Temperature
Solder Point Temperature
0
20
40
60
80
100
0
50
100
150
200
250
300
350
400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com