Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSF-LSG-PCN Datasheet(PDF) 11 Page - DOMINANT Semiconductors

Part # DSF-LSG-PCN
Description  High brightness surface mount LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DSF-LSG-PCN Datasheet(HTML) 11 Page - DOMINANT Semiconductors

Back Button DSF-LSG-PCN Datasheet HTML 6Page - DOMINANT Semiconductors DSF-LSG-PCN Datasheet HTML 7Page - DOMINANT Semiconductors DSF-LSG-PCN Datasheet HTML 8Page - DOMINANT Semiconductors DSF-LSG-PCN Datasheet HTML 9Page - DOMINANT Semiconductors DSF-LSG-PCN Datasheet HTML 10Page - DOMINANT Semiconductors DSF-LSG-PCN Datasheet HTML 11Page - DOMINANT Semiconductors DSF-LSG-PCN Datasheet HTML 12Page - DOMINANT Semiconductors DSF-LSG-PCN Datasheet HTML 13Page - DOMINANT Semiconductors DSF-LSG-PCN Datasheet HTML 14Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
02/05/2014 V2.0
11
Packaging Specification
Average 1pc Right Angle DomiLED
1 completed bag (2500pcs)
0.034
190 ± 10
Weight (gram)
Cardboard
Box
Dimensions (mm)
Empty Box
Weight (kg)
300 x 250 x 250
416 x 516 x 476
15 reels MAX
96 reels MAX
Small
Large
For Right Angle DomiLEDTM
Reel / Box
Quantity / Box (pcs)
Cardboard Box
Size
0.58
1.74
37,500 MAX
240,000 MAX
Weight (gram)
0.034
190 ± 10
InGaN Warm White : DSF-LSG
DOMINANT TM
D/C: date code
S/N : serial no
GROUP : group
QTY : product quantity per reel
PART NO : partno
LOT NO : lotno
Moisture sensitivity level
Moisture absorbent material +
Moisture indicator
The reel, moisture absorbent material and moisture indicator are
sealed inside the moisture proof foil bag
Reel
Barcode label
DOMINANT
ROHS Compliant
PB Free
Label
DOMINANT
Opto Technologies
Innovating Illumination
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com