Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8750AV Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM8750AV
Description  Data Jitter Measurement IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8750AV Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM8750AV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SM8750AV
NIPPON PRECISION CIRCUITS—2
BLOCK DIAGRAM
PIN DESCRIPTION
Number
Name
I/O
Description
1
S TA R T
I
Measurement star t control. Phase difference to voltage conversion starts on the falling edge.
2
D ATA
I
Tw o-valued signal input
3
CALMON
O
Internal calibration state signal monitor output. N-channel open drain. Active when calibrated.
4
RDCLK
I
PLL clock input
5
LIMIT
I
T V OUT output voltage-limit control voltage input
6
SENB
I
Ser ial interface: enable signal input
7
SCLK
I
Ser ial interface: clock signal input
8
S D ATA
I/O
Ser ial interface: data signal input/ack n owledge signal output. N-channel open drain.
9
G N D
–
Ground
1 0
R D ATA R
O
D ATA rising edge: delay adjust circuit reference-current setting resistor connection
1 1
R D ATA F
O
D ATA falling edge: delay adjust circuit reference-current setting resistor connection
1 2
RDUTY
O
RDCLK duty adjust circuit reference-current setting resistor connection
1 3
R C P
O
Phase difference to voltage converter coefficient reference-current setting resistor connection
1 4
VREF2
I
2V reference voltage input
1 5
T V O U T
O
Phase difference to voltage converter output
1 6
V D D
–
5V supply
RDATAF
39k
RDUTY
22k
CALMON
Charge pump
output buffer
(phase difference to
voltage converter)
47k
Phase comparator
SCLK
START
DATA
VDD
Automatic regulation
controller
Duty correction
Delay correction
VDD TVOUT
RDCLK
VREF2
RCP
33k
Serial interface
to each block
SENB
LIMIT
SDATA GND
RDATAR
39k



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com