Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8750AV Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM8750AV
Description  Data Jitter Measurement IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8750AV Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM8750AV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SM8750AV
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
Data Jitter Measurement IC
OVERVIEW
The SM8750AV is a data jitter measurement CMOS LSI for adaptive control.
FEATURES
s
RDCLK and DATA signal phase difference to
voltage converter (75mV/ns (typ) coefficient)
s
RDCLK duty auto-adjust function (rising edge
reference)
s
DATA signal delay auto-adjust function (indepen-
dently adjusted on rising and falling edges)
s
Offset auto-calibration function
s
3-wire serial interface mode control
s
Sleep function
s
Single 5V supply
s
16-pin VSOP
APPLICATIONS
s
Optical disc equipment
• CD-R
• CD-RW
• DVD-RAM
• Others
s
Control/governing equipment
ORDERING INFORMATION
PINOUT
PACKAGE DIMENSIONS
Unit: mm
D e vice
P a ck ag e
SM8750AV
16-pin VSOP
Top view
1
9
16
8
START
DATA
CALMON
RDCLK
LIMIT
VDD
TVOUT
VREF2
RCP
RDUTY
RDATAF
RDATAR
SDATA
SENB
SCLK
GND
0.275typ
5.1 ± 0.2
0.65
0.22
+ 0.1
− 0.05
0.12 M
0.10
0 to 10
0.15
+ 0.10
− 0.05


Similar Part No. - SM8750AV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8701 NPC-SM8701 Datasheet
119Kb / 14P
DVD Player Clock Generator
SM8701BM NPC-SM8701BM Datasheet
119Kb / 14P
DVD Player Clock Generator
SM8702AM NPC-SM8702AM Datasheet
155Kb / 16P
Clock Generator IC
SM8703 NPC-SM8703 Datasheet
106Kb / 12P
Clock Generator for MPEG2 System
SM8703AV NPC-SM8703AV Datasheet
106Kb / 12P
Clock Generator for MPEG2 System
More results

Similar Description - SM8750AV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
78M6631 MAXIM-78M6631 Datasheet
600Kb / 30P
3-Phase Power-Measurement IC
Rev 1; 1/12
logo
Cirrus Logic
CS5484 APEX-CS5484 Datasheet
802Kb / 67P
Four Channel Energy Measurement IC
CS5490 APEX-CS5490 Datasheet
753Kb / 56P
Two Channel Energy Measurement IC
logo
Texas Instruments
LM25056 TI1-LM25056_16 Datasheet
934Kb / 39P
System Power Measurement IC
LM25056A TI1-LM25056A_16 Datasheet
934Kb / 39P
System Power Measurement IC
logo
Cirrus Logic
CS5480 CIRRUS-CS5480 Datasheet
892Kb / 70P
Three Channel Energy Measurement IC
CS5490 CIRRUS-CS5490 Datasheet
762Kb / 57P
Two Channel Energy Measurement IC
CS5484 CIRRUS-CS5484 Datasheet
809Kb / 67P
Four Channel Energy Measurement IC
logo
Feeling Technology Corp...
FP130A FEELING-FP130A Datasheet
552Kb / 10P
Rail Current Measurement IC
logo
Silergy Corp.
78M6631 SILERGY-78M6631 Datasheet
567Kb / 30P
3-Phase Power-Measurement IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com