Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5490 Datasheet (PDF) - Cirrus Logic

CS5490 Datasheet PDF - Cirrus Logic
Part # CS5490
Download  CS5490 Download
File Size   762.96 Kbytes
Page   57 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Two Channel Energy Measurement IC

CS5490 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5490 Datasheet PDF - Cirrus Logic

Part # CS5490
Download  CS5490 Click to download

File Size   762.96 Kbytes
Page   57 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Two Channel Energy Measurement IC

CS5490 Datasheet (HTML) - Cirrus Logic


CS5490 Product details

Description
The CS5490 is a high-accuracy, two-channel, energy measurement analog front end.
The CS5490 incorporates independent 4th order Delta-Sigma analog-to-digital converters for both channels, reference circuitry, and the proven EXL signal processing core to provide active, reactive, and apparent energy measurement. In addition, RMS and power factor calculations are available. Calculations are output via a configurable energy pulse, or direct UART serial access to on-chip registers. Instantaneous current, voltage, and power measurements are also available over the serial port. The two-wire UART minimizes the cost of isolation where required.

Features & Description
• Superior Analog Performance with Ultra-low Noise Level & High SNR
• Energy Measurement Accuracy of 0.1% over a 4000:1 Dynamic Range
• Two Independent 24-bit, 4th-order, Delta-Sigma Modulators for Voltage and Current Measurements
• Configurable Digital Output for Energy Pulses, Interrupt, zero-crossing, and Energy Direction
• Supports Shunt Resistor, CT, and Rogowski Coil Current Sensors
• On-chip Measurements/Calculations:
    - Active, Reactive, and Apparent Power
    - RMS Voltage and Current
    - Power Factor and Line Frequency
    - Instantaneous Voltage, Current, and Power
• Overcurrent, Voltage Sag, and Voltage Swell Detection
• Ultra-fast On-chip Digital Calibration
• Configurable No-load Threshold for Anti-creep
• Internal Register Protection via Checksum and Write Protection
• UART Serial Interface
• On-chip Temperature Sensor
• On-chip Voltage Reference (25ppm/°C Typ.)
• Single 3.3 V Power Supply
• Ultra-fine Phase Compensation
• Low Power Consumption: <13 mW
• Power Supply Configurations:
    - GNDA = 0 V, VDDA: +3.3 V
• Low-cost 16-pin SOIC Package




Similar Part No. - CS5490

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5490 APEX-CS5490 Datasheet
753Kb / 56P
Two Channel Energy Measurement IC
CS5490-ISZ APEX-CS5490-ISZ Datasheet
753Kb / 56P
Two Channel Energy Measurement IC
CS5490-ISZR APEX-CS5490-ISZR Datasheet
753Kb / 56P
Two Channel Energy Measurement IC
More results


Similar Description - CS5490

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
78M6612 TERIDIAN-78M6612 Datasheet
1Mb / 111P
Single-Phase, Dual-Outlet Power and Energy Measurement IC
78M6618 TERIDIAN-78M6618 Datasheet
426Kb / 32P
Octal Power and Energy Measurement IC
logo
Maxim Integrated Produc...
78M6612 MAXIM-78M6612 Datasheet
1Mb / 46P
Single-Phase, Dual-Outlet Power and Energy Measurement IC
Rev 2; 1/12
logo
Cirrus Logic
CS5484 APEX-CS5484 Datasheet
802Kb / 67P
Four Channel Energy Measurement IC
CS5490 APEX-CS5490 Datasheet
753Kb / 56P
Two Channel Energy Measurement IC
CS5480 CIRRUS-CS5480 Datasheet
892Kb / 70P
Three Channel Energy Measurement IC
CS5484 CIRRUS-CS5484 Datasheet
809Kb / 67P
Four Channel Energy Measurement IC
logo
Silergy Corp.
78M6618 SILERGY-78M6618 Datasheet
593Kb / 32P
Octal Power and Energy Measurement IC
MAX71020A SILERGY-MAX71020A Datasheet
628Kb / 28P
Energy Measurement AFE
logo
Maxim Integrated Produc...
MAX71020A MAXIM-MAX71020A Datasheet
644Kb / 26P
Energy Measurement AFE
2015
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com