Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5490 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5490
Description  Two Channel Energy Measurement IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5490 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5490 Datasheet HTML 1Page - Cirrus Logic CS5490 Datasheet HTML 2Page - Cirrus Logic CS5490 Datasheet HTML 3Page - Cirrus Logic CS5490 Datasheet HTML 4Page - Cirrus Logic CS5490 Datasheet HTML 5Page - Cirrus Logic CS5490 Datasheet HTML 6Page - Cirrus Logic CS5490 Datasheet HTML 7Page - Cirrus Logic CS5490 Datasheet HTML 8Page - Cirrus Logic CS5490 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
Copyright
 Cirrus Logic, Inc. 2013
(All Rights Reserved)
Cirrus Logic, Inc.
http://www.cirrus.com
CS5490
Two Channel Energy Measurement IC
Features
Superior Analog Performance with Ultra-low Noise Level &
High SNR
Energy Measurement Accuracy of 0.1% over a 4000:1
Dynamic Range
Two Independent 24-bit, 4th-order, Delta-Sigma
Modulators for Voltage and Current Measurements
Configurable Digital Output for Energy Pulses, Interrupt,
zero-crossing, and Energy Direction
Supports Shunt Resistor, CT, and Rogowski Coil Current
Sensors
On-chip Measurements/Calculations:
- Active, Reactive, and Apparent Power
- RMS Voltage and Current
- Power Factor and Line Frequency
- Instantaneous Voltage, Current, and Power
Overcurrent, Voltage Sag, and Voltage Swell Detection
Ultra-fast On-chip Digital Calibration
Configurable No-load Threshold for Anti-creep
Internal Register Protection via Checksum and Write
Protection
UART Serial Interface
On-chip Temperature Sensor
On-chip Voltage Reference (25ppm/°C Typ.)
Single 3.3 V Power Supply
Ultra-fine Phase Compensation
Low Power Consumption: <13 mW
Power Supply Configurations:
- GNDA = 0 V, VDDA: +3.3 V
Low-cost 16-pin SOIC Package
Description
The CS5490 is a high-accuracy, two-channel, energy measure-
ment analog front end.
The CS5490 incorporates independent 4th order Delta-Sigma an-
alog-to-digital converters for both channels, reference circuitry,
and the proven EXL signal processing core to provide active, re-
active, and apparent energy measurement. In addition, RMS and
power factor calculations are available. Calculations are output
via a configurable energy pulse, or direct UART serial access to
on-chip registers. Instantaneous current, voltage, and power
measurements are also available over the serial port. The
two-wire UART minimizes the cost of isolation where required.
A configurable digital output provides energy pulses, zero-cross-
ing, energy direction, or interrupt functions. Interrupts can be
generated for a variety of conditions including voltage sag or
swell, overcurrent, and more. On-chip register integrity is assured
via checksum and write protection. The CS5490 is designed to in-
terface to a variety of voltage and current sensors, including shunt
resistors, current transformers, and Rogowski coils.
On-chip functionality makes digital calibration simple and ultra
fast to minimize the time required at the end of the customer pro-
duction line. Performance across temperature is ensured with an
on-chip voltage reference with low drift. A single 3.3V power sup-
ply is required, and power consumption is low at <13mW. To
minimize space requirements, the CS5490 is offered in a low-cost
16-pin SOIC package.
ORDERING INFORMATION
See Page 57.
VDDA
GNDA
RESET
Calculation
Temperature
Sensor
VREF+
Voltage
Reference
VDDD
VREF-
System
Clock
CS5490
MODE
Clock
Generator
XIN
XOUT
TX
RX
UART
Serial
Interface
4th Order

Modulator
Digital
Filter
HPF
Option
IIN+
IIN-
PGA
Digital
Filter
HPF
Option
10x
VIN+
VIN-
4th Order

Modulator
DO
Configurable
Digital
Output
MAR’13
DS982F3


Similar Part No. - CS5490

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5490 APEX-CS5490 Datasheet
753Kb / 56P
Two Channel Energy Measurement IC
CS5490-ISZ APEX-CS5490-ISZ Datasheet
753Kb / 56P
Two Channel Energy Measurement IC
CS5490-ISZR APEX-CS5490-ISZR Datasheet
753Kb / 56P
Two Channel Energy Measurement IC
More results

Similar Description - CS5490

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
78M6612 TERIDIAN-78M6612 Datasheet
1Mb / 111P
Single-Phase, Dual-Outlet Power and Energy Measurement IC
78M6618 TERIDIAN-78M6618 Datasheet
426Kb / 32P
Octal Power and Energy Measurement IC
logo
Maxim Integrated Produc...
78M6612 MAXIM-78M6612 Datasheet
1Mb / 46P
Single-Phase, Dual-Outlet Power and Energy Measurement IC
Rev 2; 1/12
logo
Cirrus Logic
CS5484 APEX-CS5484 Datasheet
802Kb / 67P
Four Channel Energy Measurement IC
CS5490 APEX-CS5490 Datasheet
753Kb / 56P
Two Channel Energy Measurement IC
CS5480 CIRRUS-CS5480 Datasheet
892Kb / 70P
Three Channel Energy Measurement IC
CS5484 CIRRUS-CS5484 Datasheet
809Kb / 67P
Four Channel Energy Measurement IC
logo
Silergy Corp.
78M6618 SILERGY-78M6618 Datasheet
593Kb / 32P
Octal Power and Energy Measurement IC
MAX71020A SILERGY-MAX71020A Datasheet
628Kb / 28P
Energy Measurement AFE
logo
Maxim Integrated Produc...
MAX71020A MAXIM-MAX71020A Datasheet
644Kb / 26P
Energy Measurement AFE
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com