Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5490 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5490
Description  Two Channel Energy Measurement IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5490 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5490 Datasheet HTML 2Page - Cirrus Logic CS5490 Datasheet HTML 3Page - Cirrus Logic CS5490 Datasheet HTML 4Page - Cirrus Logic CS5490 Datasheet HTML 5Page - Cirrus Logic CS5490 Datasheet HTML 6Page - Cirrus Logic CS5490 Datasheet HTML 7Page - Cirrus Logic CS5490 Datasheet HTML 8Page - Cirrus Logic CS5490 Datasheet HTML 9Page - Cirrus Logic CS5490 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
CS5490
6
DS982F3
2. PIN DESCRIPTION
2.1 Analog Pins
The CS5490 has two differential inputs, one for voltage
(VIN
) and one for currentIIN). The CS5490 also has
two voltage reference pins (VREF
) between which a
0.1µ bypass capacitor must be placed.
2.1.1 Voltage Input
The output of the line voltage resistive divider or
transformer is connected to the VIN
 input of the
CS5490. The voltage channel is equipped with a 10x,
fixed-gain amplifier. The full-scale signal level that can
be applied to the voltage channel is ±250 mV. If the
input signal is a sine wave, the maximum RMS
voltage is 250mVp /
2
176.78mVRMS, which is
approximately 70.7% of maximum peak voltage.
2.1.2 Current Input
The output of the current-sensing shunt resistor or
transformer is connected to the IIN
 input pins of the
CS5490. To accommodate different current-sensing
elements,
the
current
channel
incorporates
a
programmable gain amplifier (PGA) with two selectable
input gains, as described in the Config0 register
description 6.6.1 Configuration 0 (Config0) – Page 0,
Address 0 on page 32. There is a 10x gain setting and
a 50x gain setting. The full-scale signal level for the
current channel is ±50mV and ±250mV for 50x and 10x
gain settings, respectively. If the input signal is a sine
wave, the maximum RMS voltage is 35.35 mVRMS or
176.78mVRMS, which is approximately 70.7% of
maximum peak voltage.
Clock Generator
Crystal In
Crystal Out
2,1
XIN, XOUT — Connect to an external quartz crystal. Alternatively, an external clock can be
supplied to the XIN pin to provide the system clock for the device.
Control Pins and Serial Data I/O
Digital Output
12
DO — Configurable digital output for energy pulses, interrupt, energy direction, and
zero-crossings.
Reset
3
RESET — An active-low Schmitt-trigger input used to reset the chip.
Serial Interface
13,14
TX, RX — UART serial data output/input.
Operating Mode Select
15
MODE — Connect to VDDA for proper operation.
Analog Inputs/Outputs
Voltage Input
6,7
VIN+, VIN- — Differential analog input for the voltage channel.
Current Input
5,4
IIN+, IIN- — Differential analog input for the current channel.
Voltage Reference Input
9,8
VREF+, VREF- — The voltage reference output and return.
Power Supply Connections
Internal Digital Supply
16
VDDD — Decoupling pin for the internal digital supply.
Positive Analog Supply
11
VDDA — The positive analog supply.
Analog Ground
10
GNDA — Analog ground.
1
7
6
5
4
3
2
8
16
10
11
12
13
14
15
9
XOUT
VREF-
VIN-
VIN+
IIN+
IIN-
RESET
XIN
VDDD
VREF+
GNDA
VDDA
DO
TX
RX
MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com