Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5490 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS5490
Description  Two Channel Energy Measurement IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5490 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS5490 Datasheet HTML 37Page - Cirrus Logic CS5490 Datasheet HTML 38Page - Cirrus Logic CS5490 Datasheet HTML 39Page - Cirrus Logic CS5490 Datasheet HTML 40Page - Cirrus Logic CS5490 Datasheet HTML 41Page - Cirrus Logic CS5490 Datasheet HTML 42Page - Cirrus Logic CS5490 Datasheet HTML 43Page - Cirrus Logic CS5490 Datasheet HTML 44Page - Cirrus Logic CS5490 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
CS5490
DS982F3
41
6.6.15 Chip Status 2 (Status2) – Page 0, Address 25
Default = 0x00 0000
This register indicates a variety of conditions within the chip.
[23:6]
Reserved.
QSUM_SIGN
Indicates the sign of the value contained in QSUM.
0 = positive value
1 = negative value
[4]
Reserved.
Q_SIGN
Indicates the sign of the value contained in QAVG.
0 = positive value
1 = negative value
PSUM_SIGN
Indicates the sign of the value contained in PSUM.
0 = positive value
1 = negative value
[1]
Reserved.
P_SIGN
Indicates the sign of the value contained in PAVG.
0 = positive value
1 = negative value
6.6.16 Line to Sample Frequency Ratio (Epsilon) – Page 16, Address 49
Default = 0x01 999A (0.0125 or 50Hz/4.0kHz)
Epsilon is the ratio of the input line frequency to the output word rate (OWR).
It can either be written by the application program or calculated automatically from the line frequency (from
the voltage channel input) using the AFC bit in the Config2 register. It is a two's complement value in the range
of -1.0
 value  1.0, with the binary point to the right of the MSB. Negative values are not used.
23
22
21
20
19
18
17
16
--
--
--
--
15
14
13
12
11
10
9
8
--
--
--
--
7
654
32
10
-
-
QSUM_SIGN
-
Q_SIGN
PSUM_SIGN
-
P_SIGN
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com