Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5490 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS5490
Description  Two Channel Energy Measurement IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5490 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS5490 Datasheet HTML 31Page - Cirrus Logic CS5490 Datasheet HTML 32Page - Cirrus Logic CS5490 Datasheet HTML 33Page - Cirrus Logic CS5490 Datasheet HTML 34Page - Cirrus Logic CS5490 Datasheet HTML 35Page - Cirrus Logic CS5490 Datasheet HTML 36Page - Cirrus Logic CS5490 Datasheet HTML 37Page - Cirrus Logic CS5490 Datasheet HTML 38Page - Cirrus Logic CS5490 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
CS5490
DS982F3
35
6.6.4 Phase Compensation (PC) – Page 0, Address 5
Default = 0x00 0000
[23:22]
Reserved.
CPCC[1:0]
Coarse phase compensation control for I & V.
00 = No extra delay
01 = 1 OWR delay in current channel
10 = 1 OWR delay in voltage channel
11 = 2 OWR delay in voltage channel
[19:9]
Reserved.
FPCC[8:0]
Fine phase compensation control for I & V.
Sets a delay in current, relative to voltage.
Resolution: 0.008789° at 50Hz and 0.010547° at 60Hz (OWR = 4000)
6.6.5 UART Control (SerialCtrl) Page 0, Address 7
Default = 0x02 004D
[23:19]
Reserved.
RX_PU_OFF
Disable the pull-up resistor on the RX input pin.
0 = Pull-up resistor enabled (Default)
1 = Pull-up resistor disabled
RX_CSUM_OFF Disable the checksum on serial port data.
0 = Enable checksum
1 = Disable checksum (Default)
[16]
Reserved.
BR[15:0]
Baud rate (serial bit rate).
BR[15:0] = Baud Rate x 524288 / MCLK
23
22
21
20
19
18
17
16
-
-
CPCC[1]
CPCC[0]
-
-
-
-
15
14
13
12
11
10
9
8
--
--
--
-
FPCC[8]
7
654
32
10
FPCC[7]
FPCC[6]
FPCC[5]
FPCC[4]
FPCC[3]
FPCC[2]
FPCC[1]
FPCC[0]
23
22
21
20
19
18
17
16
-
-
-
-
-
RX_PU_OFF RX_CSUM_OFF
-
15
14
13
12
11
10
9
8
BR[15]
BR[14]
BR[13]
BR[12]
BR[11]
BR[10]
BR[9]
BR[8]
7
654
32
1
0
BR[7]
BR[6]
BR[5]
BR[4]
BR[3]
BR[2]
BR[1]
BR[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com