Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5490 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS5490
Description  Two Channel Energy Measurement IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5490 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS5490 Datasheet HTML 24Page - Cirrus Logic CS5490 Datasheet HTML 25Page - Cirrus Logic CS5490 Datasheet HTML 26Page - Cirrus Logic CS5490 Datasheet HTML 27Page - Cirrus Logic CS5490 Datasheet HTML 28Page - Cirrus Logic CS5490 Datasheet HTML 29Page - Cirrus Logic CS5490 Datasheet HTML 30Page - Cirrus Logic CS5490 Datasheet HTML 31Page - Cirrus Logic CS5490 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
CS5490
28
DS982F3
6.3 Software Registers Summary (Page 16)
Address2 RA[5:0]
Name
Description1
DSP3 HOST 3 Default
0*
00 0000
Config2
Configuration 2
Y
Y
0x 10 0200
1
00 0001
RegChk
Register Checksum
N
Y
0x 00 0000
2
00 0010
I
I Instantaneous Current
N
Y
0x 00 0000
3
00 0011
V
V Instantaneous Voltage
N
Y
0x 00 0000
4
00 0100
P
Instantaneous Power
N
Y
0x 00 0000
5
00 0101
PAVG
Active Power
N
Y
0x 00 0000
6
00 0110
IRMS
I RMS Current
N
Y
0x 00 0000
7
00 0111
VRMS
V RMS Voltage
N
Y
0x 00 0000
8
00 1000
-
Reserved
-
9
00 1001
-
Reserved
-
10
00 1010
-
Reserved
-
11
00 1011
-
Reserved
-
12
00 1100
-
Reserved
-
13
00 1101
-
Reserved
-
14
00 1110
QAVG
Reactive Power
N
Y
0x 00 0000
15
00 1111
Q
Instantaneous Reactive Power
N
Y
0x 00 0000
16
01 0000
-
Reserved
-
17
01 0001
-
Reserved
-
18
01 0010
-
Reserved
-
19
01 0011
-
Reserved
-
20
01 0100
S
Apparent Power
N
Y
0x 00 0000
21
01 0101
PF
Power Factor
N
Y
0x 00 0000
22
01 0110
-
Reserved
-
23
01 0111
-
Reserved
-
24
01 1000
-
Reserved
-
25
01 1001
-
Reserved
-
26
01 1010
-
Reserved
-
27
01 1011
T
Temperature
N
Y
0x 00 0000
28
01 1100
-
Reserved
-
29
01 1101
PSUM
Total Active Power
N
Y
0x 00 0000
30
01 1110
SSUM
Total Apparent Power
N
Y
0x 00 0000
31
01 1111
QSUM
Total Reactive Power
N
Y
0x 00 0000
32*
10 0000
IDCOFF
I DC Offset
Y
Y
0x 00 0000
33*
10 0001
IGAIN
I Gain
Y
Y
0x 40 0000
34*
10 0010
VDCOFF
V DC Offset
Y
Y
0x 00 0000
35*
10 0011
VGAIN
V Gain
Y
Y
0x 40 0000
36*
10 0100
POFF
Instantaneous Power Offset
0x 00 0000
37*
10 0101
IACOFF
I AC Offset
Y
Y
0x 00 0000
38*
10 0110
-
Reserved
-
39*
10 0111
-
Reserved
-
40*
10 1000
-
Reserved
-
41*
10 1001
-
Reserved
-
42*
10 1010
-
Reserved
-
43*
10 1011
-
Reserved
-
44*
10 1100
-
Reserved
-
45*
10 1101
-
Reserved
-
46
10 1110
-
Reserved
-
47
10 1111
-
Reserved
-
48
11 0000
-
Reserved
-
49
11 0001
Epsilon
Ratio of Line to Sample Frequency
N
Y
0x 01 999A
50*
11 0010
-
Reserved
-
51**
11 0011
SampleCount Sample Count
N
Y
0x 00 0FA0
52
11 0100
-
Reserved
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com