Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5490 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS5490
Description  Two Channel Energy Measurement IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5490 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS5490 Datasheet HTML 8Page - Cirrus Logic CS5490 Datasheet HTML 9Page - Cirrus Logic CS5490 Datasheet HTML 10Page - Cirrus Logic CS5490 Datasheet HTML 11Page - Cirrus Logic CS5490 Datasheet HTML 12Page - Cirrus Logic CS5490 Datasheet HTML 13Page - Cirrus Logic CS5490 Datasheet HTML 14Page - Cirrus Logic CS5490 Datasheet HTML 15Page - Cirrus Logic CS5490 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 57 page
background image
CS5490
12
DS982F3
DIGITAL CHARACTERISTICS
• Min / Max characteristics and specifications are guaranteed over all Recommended Operating Conditions.
• Typical characteristics and specifications are measured at nominal supply voltages and TA = 25°C.
• VDDA = +3.3V ±10%; GNDA = 0V. All voltages with respect to 0V.
• MCLK = 4.096MHz.
Notes:
11.
All measurements performed under static conditions.
12.
XOUT pin used for crystal only. Typical drive current<1mA.
Parameter
Symbol
Min
Typ
Max
Unit
Master Clock Characteristics
XIN Clock Frequency
Internal Gate Oscillator
MCLK
2.5
4.096
5
MHz
XIN Clock Duty Cycle
40
-
60
%
Filter Characteristics
Phase Compensation Range
(60Hz, OWR = 4000Hz)
-10.79
-
+10.79
°
Input Sampling Rate
-
MCLK/8
-
Hz
Digital Filter Output Word Rate
(Both channels)
OWR
-
MCLK/1024
-
Hz
High-pass Filter Corner Frequency
-3dB
-2.0
-
Hz
Input/Output Characteristics
High-level Input Voltage (All Pins)
VIH
0.6(VDDA)
-
-
V
Low-level Input Voltage (All Pins)
VIL
--
0.6
V
High-level Output Voltage
DO, Iout =+10mA
(Note 12)
Iout =+5mA
VOH
VDDA-0.3
VDDA-0.3
-
-
-
-
V
V
Low-level Output Voltage
DO, Iout =-12mA
(Note 12)
All Other Outputs, Iout =-5mA
VOL
-
-
-
-
0.5
0.5
V
V
Input Leakage Current
Iin
-±1
±10
µA
3-state Leakage Current
IOZ
--
±10
µA
Digital Output Pin Capacitance
Cout
-5
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com