Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5490 Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS5490
Description  Two Channel Energy Measurement IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5490 Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS5490 Datasheet HTML 43Page - Cirrus Logic CS5490 Datasheet HTML 44Page - Cirrus Logic CS5490 Datasheet HTML 45Page - Cirrus Logic CS5490 Datasheet HTML 46Page - Cirrus Logic CS5490 Datasheet HTML 47Page - Cirrus Logic CS5490 Datasheet HTML 48Page - Cirrus Logic CS5490 Datasheet HTML 49Page - Cirrus Logic CS5490 Datasheet HTML 50Page - Cirrus Logic CS5490 Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 57 page
background image
CS5490
DS982F3
47
6.6.37 Instantaneous Quadrature Power (Q) – Page 16, Address 15
Default = 0x00 0000
Instantaneous quadrature power, Q, the product of V shifted 90° and I.
This is a two's complement value in the range of -1.0
 value  1.0, with the binary point to the right of the
MSB.
6.6.38 Peak Current (IPEAK) – Page 0, Address 37
Default = 0x00 0000
Peak current (IPEAK) contains the value of the instantaneous current 1 sample with the greatest magnitude
detected during the last low-rate interval.
This is a two's complement value in the range of -1.0
 value  1.0, with the binary point to the right of the
MSB.
6.6.39 Peak Voltage (VPEAK) – Page 0, Address 36
Default = 0x00 0000
Peak voltage (VPEAK) contains the value of the instantaneous voltage sample with the greatest magnitude
detected during the last low-rate interval.
This is a two's complement value in the range of -1.0
 value  1.0, with the binary point to the right of the
MSB.
6.6.40 Apparent Power (S) – Page 16, Address 20
Default = 0x00 0000
Apparent power 1 (S) is the product of VRMS and IRMS or SQRT(PAVG2 + QAVG2).
This is an unsigned value in the range of 0
 value  1.0, with the binary point to the right of the MSB.
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
0
2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com