Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5490 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS5490
Description  Two Channel Energy Measurement IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5490 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS5490 Datasheet HTML 35Page - Cirrus Logic CS5490 Datasheet HTML 36Page - Cirrus Logic CS5490 Datasheet HTML 37Page - Cirrus Logic CS5490 Datasheet HTML 38Page - Cirrus Logic CS5490 Datasheet HTML 39Page - Cirrus Logic CS5490 Datasheet HTML 40Page - Cirrus Logic CS5490 Datasheet HTML 41Page - Cirrus Logic CS5490 Datasheet HTML 42Page - Cirrus Logic CS5490 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
CS5490
DS982F3
39
6.6.12 Interrupt Status (Status0) – Page 0, Address 23
Default = 0x 00 0000
The Status0 register indicates a variety of conditions within the chip.
Writing a one to a Status0 register bit will clear that bit. Writing a zero to any bit has no effect.
DRDY
Data Ready. During conversion, this bit indicates that low-rate results have been updated.
It indicates completion of other host instruction and the reset sequence.
CRDY
Conversion Ready. Indicates that sample rate (output word rate) results have been updat-
ed.
WOF
Watchdog timer overflow.
[20:19]
Reserved.
MIPS
MIPS overflow.
Sets when the calculation engine has not completed processing a sample before the next
one arrives.
[17]
Reserved.
VSWELL
Voltage channel swell event detected.
[15]
Reserved.
POR
Power out of range. Sets when the measured power would cause the P register to overflow.
[13]
Reserved.
IOR
Current out of range. Set when the measured current would cause the I register to overflow.
[11]
Reserved.
VOR
Voltage out of range. Set when the measured voltage would cause the V register to over-
flow.
[7]
Reserved.
IOC
I Overcurrent.
[9]
Reserved.
VSAG
Voltage channel sag event detected.
TUP
Temperature updated. Indicates when the Temperature register (T) has been updated.
FUP
Frequency updated. Indicates the Epsilon register has been updated.
IC
Invalid command has been received.
RX_CSUM_ERR Received data checksum error. Sets to one automatically if checksum error is detected on
serial port received data.
RX_TO
SDI/RX time out. Sets to one automatically when SDI/RX time out occurs.
23
22
21
20
19
18
17
16
DRDY
CRDY
WOF
-
-
MIPS
-
VSWELL
15
14
13
12
11
10
9
8
-
POR
-
IOR
-
VOR
-
IOC
7
654
3
2
1
0
-
VSAG
TUP
FUP
IC
RX_CSUM_ERR
-
RX_TO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com