Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4101 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS4101
Description  Precision Air-Core Tach/Speedo Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS4101 Datasheet(HTML) 1 Page - ON Semiconductor

  CS4101 Datasheet HTML 1Page - ON Semiconductor CS4101 Datasheet HTML 2Page - ON Semiconductor CS4101 Datasheet HTML 3Page - ON Semiconductor CS4101 Datasheet HTML 4Page - ON Semiconductor CS4101 Datasheet HTML 5Page - ON Semiconductor CS4101 Datasheet HTML 6Page - ON Semiconductor CS4101 Datasheet HTML 7Page - ON Semiconductor CS4101 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Precision Air-Core Tach/Speedo Driver
with Separate Function Generator Input
Features
1
Package Option
20 Lead PDIP
1
CP+
2
3
4
5
6
7
8
SQOUT
FREQIN
BIAS
Gnd
Gnd
NC
COS+
16
15
14
13
12
11
10
CP-
F/VOUT
VREG
NC
Gnd
Gnd
NC
SIN+
9
COS-
SIN-
17
18
VCC
FGEN
19
20
CS4101
Description
Block Diagram
April, 2001 - Rev. 5
ON Semiconductor
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885–3600 Fax: (401)885–5786
N. American Technical Support: 800-282-9855
Web Site: www.onsemi.com
Absolute Maximum Ratings
The CS4101 is specifically designed
for use with air-core meter move-
ments. The IC provides all the func-
tions necessary for an analog
tachometer or speedometer. The
CS4101 takes a speed sensor input
and generates sine and cosine relat-
ed output signals to differentially
drive an air-core meter.
Many enhancements have been
added over industry standard
tachometer drivers such as the
CS289 or LM1819. The output uti-
lizes differential drivers which elim-
inates the need for a zener reference
and offers more torque. The device
withstands 60V transients which
decreases the protection circuitry
required. The device is also more
precise than existing devices allow-
ing for fewer trims and for use in a
speedometer.
Absolute Maximum Ratings
Supply Voltage (<100ms pulse transient) .........................................VCC = 60V
(continuous)..............................................................VCC = 24V
Operating Temperature .............................................................–40°C to +105°C
Storage Temperature..................................................................–40°C to +165°C
Junction Temperature .................................................................–40°C to+150°C
ESD (Human Body Model) .............................................................................4kV
Lead Temperature Soldering
Wave Solder(through hole styles only).............10 sec. max, 260°C peak
SINE-
SINE+
Gnd
VREG
F/VOUT
SINE
Output
COS
Output
VREG
7.0V
VCC
COS-
COS+
Gnd
Gnd
FREQIN
SQOUT
CP+
Input
Comp.
Gnd
CP-
Voltage
Regulator
+
+
High Voltage
Protection
Charge Pump
BIAS
Func.
Gen.
FGEN
s
Direct Sensor Input
s
High Output Torque
s
Low Pointer Flutter
s
High Input Impedance
s
Overvoltage Protection
Block Diagram


Similar Part No. - CS4101

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS4101 CHERRY-CS4101 Datasheet
168Kb / 8P
Precision Air-Core Tach/Speedo Driver with Separate Function Generator Input
Rev 11/20/98
CS4101EN20 CHERRY-CS4101EN20 Datasheet
168Kb / 8P
Precision Air-Core Tach/Speedo Driver with Separate Function Generator Input
Rev 11/20/98
More results

Similar Description - CS4101

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS4101 CHERRY-CS4101 Datasheet
168Kb / 8P
Precision Air-Core Tach/Speedo Driver with Separate Function Generator Input
Rev 11/20/98
CS8190 CHERRY-CS8190 Datasheet
187Kb / 8P
Precision Air-Core Tach/Speedo Driver with Return to Zero
CS8191 CHERRY-CS8191 Datasheet
186Kb / 8P
Precision Air-Core Tach/Speedo Driver with Short Circuit Protection
logo
ON Semiconductor
CS8190 ONSEMI-CS8190 Datasheet
103Kb / 12P
Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS8191 ONSEMI-CS8191 Datasheet
102Kb / 12P
Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS4121 ONSEMI-CS4121 Datasheet
99Kb / 12P
Low Voltage Precision Air-Core Tach/Speedo Driver
June, 2004 ??Rev. 8
logo
IK Semicon Co., Ltd
IL8190N IKSEMICON-IL8190N Datasheet
445Kb / 11P
Precision Air-Core Tach/Speedo Driver with Return to Zero
logo
ON Semiconductor
CS4121EDWFR20G ONSEMI-CS4121EDWFR20G Datasheet
94Kb / 12P
Low Voltage Precision Air-Core Tach/Speedo Driver
June, 2004 ??Rev. 8
CS8190 ONSEMI-CS8190_12 Datasheet
165Kb / 11P
Precision Air-Core Tach/Speedo Driver
January, 2012 ??Rev. 7
CS8190 ONSEMI-CS8190_17 Datasheet
126Kb / 12P
Precision Air-Core Tach/Speedo Driver
September, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com