Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4101 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS4101
Description  Precision Air-Core Tach/Speedo Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS4101 Datasheet(HTML) 3 Page - ON Semiconductor

  CS4101 Datasheet HTML 1Page - ON Semiconductor CS4101 Datasheet HTML 2Page - ON Semiconductor CS4101 Datasheet HTML 3Page - ON Semiconductor CS4101 Datasheet HTML 4Page - ON Semiconductor CS4101 Datasheet HTML 5Page - ON Semiconductor CS4101 Datasheet HTML 6Page - ON Semiconductor CS4101 Datasheet HTML 7Page - ON Semiconductor CS4101 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
PACKAGE LEAD #
LEAD SYMBOL
FUNCTION
Electrical Characteristics: -40°C ≤ TA ≤ 85°C, 8.5V ≤ VCC ≤ 15V unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
s Function Generator Section: continued
Function Generator Error
13.1V
≤ VCC ≤ 16V
-2.5
0
+2.5
deg
Function Generator Error
13.1V
≤ VCC ≤ 11V
-1
0
+1
deg
Function Generator Error
13.1V
≤ VCC ≤ 9V
-3
0
+3
deg
Function Generator Error
25°C
≤ TA ≤ 80°C
-3
0
+3
deg
Function Generator Error
25°C
≤ TA ≤ 105°C
-5.5
0
+5.5
deg
Function Generator Error
–40°C
≤ TA ≤ 25°C
-3
0
+3
deg
Function Generator Gain
TA = 25°C Θ vs F/VOUT
60
77
95
°/V
Package Lead Description
Typical Performance Characteristics
0
45
90
135
180
225
270
315
Degrees of Deflection (
°)
7
6
5
4
3
2
1
0
-1
-2
-3
-4
-5
-6
-7
COS
SIN
045
90
135
180
225
270
315
Frequency/Output Angle (
°)
7
6
5
4
3
2
1
0
Figure 2: Charge Pump Output Voltage vs Output Angle
Figure 1: Function Generator Output Voltage
vs Degrees of Deflection
F/VOUT = 2.0V + 2 FREQ × CT × RT × (VREG - 0.7)
20L
1
CP+
Positive input to charge pump.
2SQOUT
Buffered square wave output signal.
3
FREQIN
Speed or rpm input signal.
4
BIAS
Test point or Zero adjustment.
5, 6, 15, 16
Gnd
Ground Connections.
7, 14, 17
NC
No Connection.
8
COS+
Positive cosine output signal.
9
COS-
Negative cosine output signal.
10
VCC
Ignition or battery supply voltage.
11
FGEN
Function generator input signal.
12
SIN-
Negative sine output signal.
13
SIN+
Positive sine output signal.
18
VREG
Voltage regulator output.
19
F/VOUT
Output voltage proportional to input signal frequency.
20
CP-
Negative input to charge pump.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com