Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP600 Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # FP600
Description  Auto restart while AC is recovering
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

FP600 Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  FP600 Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
APPLICATION
Home, Small Office, POS, Internet Bar
FEATURES
C ompact size
Excellent microprocessor control guarantees high
reliability
Auto restart while AC is recovering
Simulated sine wave
C old start function
PHASE (ONLY FOR ONLINE UPS)
Phase:
1-phase in / 1-phase out
INPUT
Capacity :
600 VA / 360 W
Voltage:
220/230/240 VAC
Voltage Range:
180-290 VAC 62
F requency Range:
60/50 Hz (auto sensing)
OUTPUT
AC Voltage Regulation
(Batt. Mode) :
±10%
F requency Range
(Batt. Mode):
60 Hz or 50 Hz ±1 Hz
Transfer Time:
Typical 2 ~ 6 ms,
Wav eform
(Batt. Mode):
Simulated Sine Wave
BATTERY
Battery Ty pe:
12 V/7 Ah
Battery Number:
1
Ty pical Recharge
Time:
4-6 hours up to 90% capacity
SAFETY STANDARD APPAOVAL
PROTECTION
F ull Protection:
Overload, Discharge, and
Overcharge Protection
PHYSICAL
Output Receptacles:
India, French, Schuko,
NEMA, and IEC ions
Dimension:
279mm(L) x 101mm(W) x
142mm(H)
Net Weight (kgs):
4.2
OPERATING ENVIRONMENT
Humidity :
0-90 % RH @ 0- 40°C
(non-condensing)
Noise Lev el:
Less than 40dB
MANAGEMENT
Optional USB/RS-232
Port:
Support Windows
98/2000/2003/XP/Vista/2008,
Windows 7, Linux, and MAC 8
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
UPS
FP 600


Similar Part No. - FP600

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
FP6000BB KNIGHTSBRIDGE-FP6000BB Datasheet
312Kb / 1P
13A Fused Spur Unit - Brushed Brass
15/04/2024
FP6000GM KNIGHTSBRIDGE-FP6000GM Datasheet
206Kb / 1P
13A Fused Spur Unit - Gunmetal
12/04/2024
FP6000NGM KNIGHTSBRIDGE-FP6000NGM Datasheet
204Kb / 1P
13A Fused Spur Unit with Neon - Gunmetal
12/04/2024
FP6000NPB KNIGHTSBRIDGE-FP6000NPB Datasheet
243Kb / 1P
13A Fused Spur Unit with Neon
16/04/2024
FP6000NPL KNIGHTSBRIDGE-FP6000NPL Datasheet
237Kb / 1P
13A Fused Spur Unit with Neon - Pearl
12/04/2024
More results

Similar Description - FP600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1004KL-04W-B40-B00 ETC2-1004KL-04W-B40-B00 Datasheet
353Kb / 2P
Auto Restart/Polarity Protection
2410ML-04W-B30-E00 ETC2-2410ML-04W-B30-E00 Datasheet
363Kb / 1P
Auto Restart/Polarity Protection
3610KL-05W-B50-D00 ETC2-3610KL-05W-B50-D00 Datasheet
315Kb / 1P
Auto Restart/Polarity Protection
logo
FSP TECHNOLOGY INC.
FP400 FSP-FP400 Datasheet
60Kb / 1P
Auto restart while AC is recovering
FP800 FSP-FP800 Datasheet
60Kb / 1P
Auto restart while AC is recovering
logo
Powerbox
C1500 POWERBOX-C1500 Datasheet
87Kb / 3P
Overvoltage protection with auto restart
C2500 POWERBOX-C2500 Datasheet
200Kb / 3P
Overvoltage protection with auto restart
C3500 POWERBOX-C3500 Datasheet
180Kb / 3P
Overvoltage protection with auto restart
C3800 POWERBOX-C3800 Datasheet
1Mb / 2P
Overvoltage protection with auto restart
logo
STMicroelectronics
STEVAL-ILL069V1 STMICROELECTRONICS-STEVAL-ILL069V1 Datasheet
271Kb / 5P
Short circuit protection with auto restart
02-Jul-2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com