Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC-700PL Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TC-700PL
Description  AC Input Voltage: 90~264V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TC-700PL Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TC-700PL Datasheet HTML 1Page - List of Unclassifed Manufacturers TC-700PL Datasheet HTML 2Page - List of Unclassifed Manufacturers TC-700PL Datasheet HTML 3Page - List of Unclassifed Manufacturers TC-700PL Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
③
10. DIMENSION
L 220 x W 150 x H 86 mm
TC-xxxPL
#6-32
OPTION
11. PINOUTS OF CONNECTORS
Main power connector 24 Pin x 1 ,
M8P +12V Power Connector x 1 ,
M4P +12V Power Connector x 1
Peripheral power connector x 8 ,
Floppy Drive connector x 1,
Serial ATA power connector x 3.
PCI-Express (6+2) pin connector x 2
Note: Specification and



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com