Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC-700PL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TC-700PL
Description  AC Input Voltage: 90~264V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TC-700PL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TC-700PL Datasheet HTML 1Page - List of Unclassifed Manufacturers TC-700PL Datasheet HTML 2Page - List of Unclassifed Manufacturers TC-700PL Datasheet HTML 3Page - List of Unclassifed Manufacturers TC-700PL Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
①
SURE STAR COMPUTER CO., LTD
NO. 2-1, DAAN ROAD, SHULIN CITY TAIPEI 238 , TAIWAN.
E-mail: info@surestar.com.tw
Tel: +886 2 268 2 250 5
http: //www.surestar.com.tw
Fax: +886 2 268 2 251 5
Model: TC-700PL ( 700W PS II ATX )
1. SPECIFCATION:
AC Input Voltage: 90~264V (Active PFC)
Frequency: 47 to 63 Hz..
DC Output: 700W maximum
Output
Output
Output
Output
Output
Output
Voltage:
+5V DC
+12V DC
-5V DC
-12V DC
+3.3V DC
+5V SB
Maximum Load:
30A
V1:14A / V2:14A
V3:14A / V4:14A
0.8A
1A
30A
3A
Minimum Load:
0.5A
V1:0.5A / V2:0.5A
V3:0.5A / V4:0.5A
0A
0A
0.5A
0A
Ripple/Noise:
60mv
100mv
50mv
100mv
50mv
50mv
Line Regulation:
±1﹪
±1﹪
±1﹪
±1﹪
±1﹪
±1﹪
Load:
±5﹪
±5﹪
±5﹪
±5﹪
±5﹪
±5﹪
2. Hold-up time (Typ.):
16ms at maximum load & normal input voltage
3. RISE TIME:
20ms at full Load
4. Efficiency: 78% TYPICAL (Normal Line)
5. FUNCTION
5.1 REMOTE ON/OFF CONTROL:
Power off: PS-ON = 2V min.
Power on: PS-ON = 0.8V max.
5.2 POWER GOOD SIGNAL:
ON DELAY 100 ms ~ 500 ms
5.3 POWER FAIL DELAY:
>1msec.


Similar Part No. - TC-700PL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC-700RVN2 ETC2-TC-700RVN2 Datasheet
359Kb / 16P
2U / 3U Redundant Power Supply
More results

Similar Description - TC-700PL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDC30F ETC2-LDC30F Datasheet
182Kb / 3P
Universal input (AC85-264V)
logo
LinkCom Manufacturing C...
PLCCE0045951 LINKCOM-PLCCE0045951 Datasheet
180Kb / 2P
AC Input 90-305Vac
logo
List of Unclassifed Man...
TC-550PA ETC2-TC-550PA Datasheet
159Kb / 4P
AC Input Voltage: 90~264V (Active PFC) Frequency: 47 to 63 Hz..
TC-800PL ETC2-TC-800PL Datasheet
178Kb / 4P
AC Input Voltage: 90~264V
TC-900PL ETC2-TC-900PL Datasheet
187Kb / 4P
AC Input Voltage: 90~264V
TC-1000PL ETC2-TC-1000PL Datasheet
187Kb / 4P
AC Input Voltage: 90~264V
logo
Altech corporation
PSC-40 ALTECH-PSC-40 Datasheet
769Kb / 2P
Universal AC input (88-264V AC)
logo
ETA-USA
DTM-SX-SP ETA-USA-DTM-SX-SP Datasheet
1Mb / 2P
15W Universal input 90~264V AC
logo
TiMOTION Technology Co....
TIP2 TIMOTION-TIP2 Datasheet
237Kb / 4P
Input voltage 90~305V AC
20220322-B
TIP3 TIMOTION-TIP3 Datasheet
283Kb / 4P
Input voltage 90~305V AC
20220322-B
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com